Electronic Components Datasheet Search |
|
R-78B9.0-2.0 Datasheet(PDF) 3 Page - Recom International Power |
|
R-78B9.0-2.0 Datasheet(HTML) 3 Page - Recom International Power |
3 / 5 page DC/DC Converter ENVIRONMENTAL Parameter Condition Value Operating Temperature Range without derating (see graph) -40°C to +70°C Maximum Case Temperature +105°C Temperature Coefficient 0.02%/°C typ. Operating Altitude 5000m Operating Humidity non-condensing 95% RH max. Pollution Degree PD2 MTBF according to MIL-HDBK-217F, G.B. +25°C 6349 x 103 hours Vibration 10-55Hz, 2G, 30min along X, Y and Z axis I-3 REV.: 0/2017 www.recom-power.com Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified) R-78B-2.0 Series -40 85 70 100 80 60 40 20 0 -20 0 20 40 60 80 100 Ambient Temperature [°C] Derating Graph (@ Chamber and natural convection 0.1m/s) SAFETY AND CERTIFICATIONS Certificate Type (Safety) Report / File Number Standard Audio/video, information and communication technology equipment Safety requirements (CB Scheme) (pending) IEC/EN62368-1, 2nd Edition, 2014 RoHs2+ RoHS 2011/65/EU + AM2015/863 EMC Compliance Condition Standard / Criterion Information technology equipment - Radio disturbance characteristics - Limits and methods of measurement with external components (see filter suggestion below) EN55022, Class A EN55022, Class B Information technology equipment - Immunity characteristics - Limits and methods of measurement EN55024, 2010 Electromagnetic compatibility of multimedia equipment - Emission requirements EN55032, Class B, 2013 ESD Electrostatic discharge immunity test Air ±8kV and Contact ± 4kV IEC61000-4-2, Criteria A Radiated, radio-frequency, electromagnetic field immunity test 3 V/m IEC61000-4-3, Criteria A Fast Transient and Burst Immunity ±0.5kV IEC61000-4-4, Criteria A Surge Immunity ±0.5kV IEC61000-4-5, Criteria A Immunity to conducted disturbances, induced by radio-frequency fields 3V IEC61000-4-6, Criteria A Power Magnetic Field Immunity 50Hz/ 1A/m IEC61000-4-8, Criteria A continued on next page |
Similar Part No. - R-78B9.0-2.0 |
|
Similar Description - R-78B9.0-2.0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |