Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R420-1.8PL Datasheet(PDF) 2 Page - Recom International Power

Part # R420-1.8PL
Description  Designed For 4-20mA Loop Operation And Energy
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R420-1.8PL Datasheet(HTML) 2 Page - Recom International Power

  R420-1.8PL Datasheet HTML 1Page - Recom International Power R420-1.8PL Datasheet HTML 2Page - Recom International Power R420-1.8PL Datasheet HTML 3Page - Recom International Power R420-1.8PL Datasheet HTML 4Page - Recom International Power R420-1.8PL Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
100% load
±2.0% typ.
Line Voltage Regulation
low line to high line, full load
0.2% typ. / 0.5% max.
Load Voltage Regulation
10% to 100% load
0.5% typ. / 0.8% max.
Dynamic Load Stability
with 100µF output capacitor, 100% <-> 50% load
±75mV typ. / ±100mV max.
I-2
REV.: 1/2017
www.recom-power.com
DC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating (see graph)
-40°C to +105°C
Operating Altitude
5000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
Vibration
10-55Hz, 2G, 30min along X, Y and Z
MTBF
MIL-HDBK 217F, G.B.
MIL-HDBK 217F, G.B.
+25°C
+71°C
7395 x 103 hours
1242 x 10³ hours
continued on next page
Specifications (measured @ ta= 25°C, full load, nominal input voltage and after warm-up)
R420-1.8/PL
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Radj
Trim
-Vout
Output Voltage Trimming
Radj (k
W)
Vout
Open
1.8V
8
3.3V
3.75
5.0V
Ouput Current vs. Input Voltage
36
15
10
5.5
10.0
Input Voltage [VDC]
5Vout
1.8Vout, 3.3Vout


Similar Part No. - R420-1.8PL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R4210 MICROSEMI-R4210 Datasheet
120Kb / 3P
   Silicon Power Rectifier
R42100 MICROSEMI-R42100 Datasheet
120Kb / 3P
   Silicon Power Rectifier
R42120 MICROSEMI-R42120 Datasheet
120Kb / 3P
   Silicon Power Rectifier
R42140 MICROSEMI-R42140 Datasheet
120Kb / 3P
   Silicon Power Rectifier
R42160 MICROSEMI-R42160 Datasheet
120Kb / 3P
   Silicon Power Rectifier
More results

Similar Description - R420-1.8PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
   dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
   Dual 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com