Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REPOT Datasheet(PDF) 2 Page - Recom International Power

Part # REPOT
Description  suitable for 1-10V dimmable LED drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REPOT Datasheet(HTML) 2 Page - Recom International Power

  REPOT Datasheet HTML 1Page - Recom International Power REPOT Datasheet HTML 2Page - Recom International Power REPOT Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC/DC Converter
L-2
REV.: 0/2015
www.recom-power.com
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
REPOT
Series
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Metal
Dimensions (LxWxH)
71.0 x 71.0 x 35mm
Weight
70g
Connection
Input
Output
Screw Terinal (1.5-2.5mm²)
Screw Terinal (1.5-2.5mm²)
Mechanical Dimensions
Tolerance: ±0.5mm
71.0
35.5
Ø3.5 max.
M3
10
250~
3.5 max.
REPOT01-10
Fuse
F0.8AH250V
21.0
29.0
60.00
cut
1.0
4.0
53.50
3.0
cable input
cable input
53.50
Top View
Electronic Potentiometer
Adapter to 6mm
Bottom View


Similar Part No. - REPOT

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
   Electronic Potentiometer
More results

Similar Description - REPOT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
   Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
   Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
SD3 ETC2-SD3 Datasheet
1Mb / 2P
   Universal Tri-Level dimming control modules for use with 0-10V dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
logo
List of Unclassifed Man...
SD2 ETC2-SD2 Datasheet
945Kb / 2P
   Universal Bi-Level dimming control module for use with 0-10V dimmable LED Drivers
logo
Recom International Pow...
REDIM RECOM-REDIM Datasheet
418Kb / 3P
   suitable for energy-saving lamps, dimmable LED lamps
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
   0-10V Dimmable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com