Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP623MN-3.3R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP623MN-3.3R2
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623MN-3.3R2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP623MN-3.3R2 Datasheet HTML 1Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 2Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 3Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 4Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 5Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 6Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 7Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 8Page - ON Semiconductor NCP623MN-3.3R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 0
1
Publication Order Number:
NCP623/D
NCP623
Ultra Low Noise
150 mA Low Dropout
Voltage Regulator with
ON/OFF Control
Housed in a Micro8
t or QFN6 package, the NCP623 delivers up to
150 mA where it exhibits a typical 180 mV dropout. With an
incredible noise level of 25
mVRMS (over 100 Hz to 100 kHz, with a
10 nF bypass capacitor), the NCP623 represents the ideal choice for
sensitive circuits, especially in portable applications where noise
performance and space are premium. The NCP623 also excels in
response time and reacts in less than 25
ms when receiving an OFF to
ON signal (with no bypass capacitor).
Due to a novel concept, the NCP623 accepts output capacitors without
any restrictions regarding their Equivalent Series Resistance (ESR) thus
offering an obvious versatility for immediate implementation.
With a typical DC ripple rejection better than −90 dB (−70 dB @
1.0 kHz), it naturally shields the downstream electronics against
choppy power lines.
Additionally, thermal shutdown and short−circuit protection
provide the final product with a high degree of ruggedness.
Features
Very Low Quiescent Current 170 mA (ON, no load), 100 nA
(OFF, no load)
Very Low Dropout Voltage, Typical Value is 137 mV at an Output
Current of 100 mA
Very Low Noise with External Bypass Capacitor (10 nF),
Typically 25
mVrms over 100 Hz to 100 kHz
Internal Thermal Shutdown
Extremely Tight Line Regulation Typically −90 dB
Ripple Rejection −70 dB @ 1.0 kHz
Line Transient Response: 1.0 mV for DV
in = 3.0 V
Extremely Tight Load Regulation, Typically 20 mV at DI
out = 150 mA
Multiple Output Voltages Available
Logic Level ON/OFF Control (TTL−CMOS Compatible)
ESR can vary from 0 to 3.0 W
Applications
All Portable Systems, Battery Powered Systems, Cellular
Telephones, Radio Control Systems, Toys and Low Voltage Systems
PIN CONNECTIONS
See detailed ordering and shipping information on page 12 of
this data sheet.
ORDERING INFORMATION
XXX
= Specific Device Code
yy
= Voltage Option
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
XXX
AYW
1
8
Micro8
DM SUFFIX
CASE 846A
MARKING
DIAGRAMS
1
VOUT
NC
Bypass
NC
ON/OFF
GND
VIN
GND
Micro8
(Top View)
1
2
3
4
8
7
6
5
QFN6, 3X3
MN SUFFIX
CASE 488AE
QFN6
(Top View)
VIN
GND
VOUT
ON/OFF
GND
Bypass
1
2
3
6
5
4
1
NCP6
23yy
ALYW
http://onsemi.com
http://onsemi.com


Similar Part No. - NCP623MN-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623MN-30R2G ONSEMI-NCP623MN-30R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623MN-30R2G ONSEMI-NCP623MN-30R2G Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP623MN-33R2 ONSEMI-NCP623MN-33R2 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623MN-33R2G ONSEMI-NCP623MN-33R2G Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results

Similar Description - NCP623MN-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com