Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEAMMMK Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # BEAMMMK
Description  Single-Ended Reflected Type Beam Smoke Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BEAMMMK Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  BEAMMMK Datasheet HTML 1Page - Gamewell-FCI by Honeywell BEAMMMK Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0623 Rev. F page 2 of 2
www.gamewell-fci.com
Description (continued)
The ABD-RT2F is equipped with an integral sensitivity test
feature consisting of a test filter attached to a servo motor
inside the sensor optics. The ABD-RT2F requires an addi-
tional, external power supply. Using the remote test station
Model RTS151, the motor moves the filter in the path of
the light beam, thereby serving as an accurate test of the
receiver sensitivity. This test feature allows the user to
quickly and easily meet the annual maintenance and test
requirements of NFPA 72.
Specifications
Operating Temperature
Range:
-22° F to 131° F
(-30° C to 55° C)
Operating Humidity
Range:
10% to 93 RH
non-condensing
Dimensions:
Detector:
10” H x 7.5” W x 3.3” D
(25.4 H x 19 W x 8.4 D cm)
Reflector:
16-230 ft.
(4.9 x 70.1 m)
7.9” H x 9.1” W
(20 H x 23 W cm)
Voltage Range:
15 to 32 VDC
Alarm Current:
8.5 mA max.
Standby Current:
2 mA max. avg. @ 24 VDC
Ordering Information
Part Number Description
B210LP
Flanged mounting base.
Dimensions: 6.1”
(15.5 cm) diameter.
B210LPBP
Flanged mounting base bulk pack.
Dimensions: 6.1
(15.5 cm) diameter.
ABD-RT2F
Single-ended smoke sensor with integral
sensitivity test.
BEAMLRK
Long range accessory kit (required for
applications with a range over 230 ft.
(70m).
BEAMMMK Multi-mount kit (provides ceiling or wall
mount capability with increased angular
adjustment).
BEAMSMK
Surface mount kit.
RTS151
Remote test station.
RTS151KEY Remote test station with key lock.


Similar Part No. - BEAMMMK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BEAMMMK GAMEWELL-FCI-BEAMMMK Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
BEAMMMK GAMEWELL-FCI-BEAMMMK Datasheet
371Kb / 4P
   Intelligent beam smoke detector
More results

Similar Description - BEAMMMK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ABD-2F GAMEWELL-FCI-ABD-2F Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
logo
Systemsensor advanced i...
BEAM1224 SYSTEMSENSOR-BEAM1224 Datasheet
1Mb / 13P
   Single-ended Reflected Type Projected Beam Smoke Detector
BEAM200 SYSTEMSENSOR-BEAM200 Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
   Projected Beam Type Smoke Detector
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
   Intelligent beam smoke detector
logo
Zhengzhou Winsen Electr...
MP-2 WINSEN-MP-2 Datasheet
729Kb / 6P
   Smoke Gas Sensor
logo
Omron Electronics LLC
EY3A-106-A OMRON-EY3A-106-A Datasheet
113Kb / 2P
   Single Beam Sensor (1 Beam: 65 mm)
EY3A-1051 OMRON-EY3A-1051 Datasheet
108Kb / 2P
   Single Beam Sensor (1 Beam: 50 mm)
EY3A-1081 OMRON-EY3A-1081 Datasheet
93Kb / 2P
   Single Beam Sensor (1 Beam: 80 mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com