Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPG346BS-2098B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NSPG346BS-2098B
Description  LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPG346BS-2098B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NSPG346BS-2098B Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 10Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 11Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 12Page - List of Unclassifed Manufacturers NSPG346BS-2098B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Ta=25℃
■ デューティー比-許容順電流特性
デューティー比
(%)
■ 周囲温度-許容順電流特性
周囲温度
Ta (℃)
60
80
100
40
020
200
100
50
20
10
30
40
30
20
0
10
Ta=25℃
Ta=25℃
IFP=20mA
IFP=5mA
IFP=20mA
IFP=60mA
2.0
1.0
0.5
0.2
200
100
50
20
10
5
1
■ 順電圧-順電流特性
順電圧
VF (V)
2.5
3.0
3.5
4.0
4.5
5.0
■ 順電流-相対光度特性
順電流
IFP (mA)
0
204060
100 120
80
■ 周囲温度-順電圧特性
020
60 80 100
40
-40 -20
周囲温度
Ta (℃)
■ 周囲温度-相対光度特性
周囲温度
Ta (℃)
020
60 80 100
40
-40 -20
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
5.0
4.6
4.2
3.4
3.0
2.6
3.8
1
5
10 20
100
50
日亜化学工業 (株)
NSPGxxxx
標準初期電気
/光学特性
型 名
名 称
010702103591
管理番号


Similar Part No. - NSPG346BS-2098B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG346KS NICHIA-NSPG346KS Datasheet
248Kb / 16P
   RoHS Compliant
NSPG346LS NICHIA-NSPG346LS Datasheet
254Kb / 17P
   RoHS Compliant
NSPG346MS NICHIA-NSPG346MS Datasheet
436Kb / 17P
   GREEN LED
More results

Similar Description - NSPG346BS-2098B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com