Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMAPU01-12S15H Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMAPU01-12S15H
Description  DCMAPU01H SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAPU01-12S15H Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMAPU01-12S15H Datasheet HTML 1Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 2Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 3Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 4Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
DCMAPU01H SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
11/17/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
Standard SIP-7 Package
I/O Isolation of 3000VDC
3.3, 5, 12, or 24VDC Input
Single or Dual Outputs Available
Over Load and Short Circuit
Protection
UL/cUL/IEC/EN 62368-1 (60950-
1) Safety Approval & CE Marking
DESCRIPTION
The DCMAPU01H series offers 1 watt of output power in a compact
0.77” x 0.40” x 0.28” standard SIP-7 package. This series consists of
both single and dual output models with either a 3.3VDC, 5VDC, 12VDC,
or 24VDC input voltage. Each model in this series has an I/O isolation of
3000VDC as well as over load and short circuit protection. This series
has UL/cUL/IEC/EN 62368-1 (60950-1) pending safety approvals. Please
call factory for order details.
Size: 0.77in x 0.40in x 0.28in (19.5mm x 10.2mm x 7.1mm)
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Output
Power
Load Regulation
(Max)
Efficiency
(@Max.Load)
Min Load
Max Load
@No Load
@Max Load
DCMAPU01-033S033H
3.3VDC
(2.97~3.63)
3.3VDC
6mA
300mA
45mA
390mA
1W
15%
77%
DCMAPU01-033S05H
5VDC
4mA
200mA
394mA
12%
77%
DCMAPU01-033S09H
9VDC
2.2mA
110mA
385mA
12%
78%
DCMAPU01-033S12H
12VDC
1.68mA
84mA
382mA
10%
80%
DCMAPU01-033S15H
15VDC
1.34mA
67mA
386mA
10%
79%
DCMAPU01-05S033H
5VDC
(4.5~5.5)
3.3VDC
6mA
300mA
30mA
261mA
1W
12%
76%
DCMAPU01-05S05H
5VDC
4mA
200mA
256mA
10%
78%
DCMAPU01-05S09H
9VDC
2.2mA
110mA
247mA
8%
81%
DCMAPU01-05S12H
12VDC
1.68mA
84mA
246mA
8%
82%
DCMAPU01-05S15H
15VDC
1.34mA
67mA
241mA
8%
83%
DCMAPU01-12S033H
12VDC
(10.8~13.2)
3.3VDC
6mA
300mA
17mA
104mA
1W
10%
79%
DCMAPU01-12S05H
5VDC
4mA
200mA
104mA
8%
80%
DCMAPU01-12S09H
9VDC
2.2mA
110mA
101mA
7%
82%
DCMAPU01-12S12H
12VDC
1.68mA
84mA
99mA
7%
84%
DCMAPU01-12S15H
15VDC
1.34mA
67mA
100mA
7%
83%
DCMAPU01-24S033H
24VDC
(21.6~26.4)
3.3VDC
6mA
300mA
10mA
54mA
1W
10%
76%
DCMAPU01-24S05H
5VDC
4mA
200mA
51mA
8%
81%
DCMAPU01-24S09H
9VDC
2.2mA
110mA
52mA
8%
79%
DCMAPU01-24S12H
12VDC
1.68mA
84mA
51mA
8%
82%
DCMAPU01-24S15H
15VDC
1.34mA
67mA
51mA
9%
82%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Output
Power
Load Regulation
(Max.)
Efficiency
(@Max.Load)
Min Load
Max Load
@No Load
@Max Load
DCMAPU01-033D05H
3.3VDC
(2.97~3.63)
±5VDC
±2mA
±100mA
45mA
394mA
1W
11%
77%
DCMAPU01-033D12H
±12VDC
±0.84mA
±45mA
387mA
9%
79%
DCMAPU01-033D15H
±15VDC
±0.66mA
±33mA
380mA
9%
79%
DCMAPU01-05D05H
5VDC
(4.5~5.5)
±5VDC
±2mA
±100mA
30mA
247mA
1W
10%
81%
DCMAPU01-05D12H
±12VDC
±0.84mA
±45mA
249mA
8%
81%
DCMAPU01-05D15H
±15VDC
±0.66mA
±33mA
244mA
9%
81%
DCMAPU01-12D05H
12VDC
(10.8~13.2)
±5VDC
±2mA
±100mA
17mA
103mA
1W
7%
81%
DCMAPU01-12D12H
±12VDC
±0.84mA
±45mA
102mA
6%
82%
DCMAPU01-12D15H
±15VDC
±0.66mA
±33mA
102mA
6%
82%
DCMAPU01-24D05H
24VDC
(21.6~26.4)
±5VDC
±2mA
±100mA
10mA
52mA
1W
8%
80%
DCMAPU01-24D12H
±12VDC
±0.84mA
±45mA
52mA
8%
81%
DCMAPU01-24D15H
±15VDC
±0.66mA
±33mA
52mA
8%
80%


Similar Part No. - DCMAPU01-12S15H

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMA-37-NMB-K47FO ITT-DCMA-37-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
List of Unclassifed Man...
DCMA-37P ETC1-DCMA-37P Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37P ITT-DCMA-37P Datasheet
35Kb / 1P
   Datasheet for part number DCMA-37P
logo
List of Unclassifed Man...
DCMA-37P-FO ETC1-DCMA-37P-FO Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37S-NMB-K47FO ITT-DCMA-37S-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCMAPU01-12S15H

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com