Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMAPU01-12S15H Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMAPU01-12S15H
Description  DCMAPU01H SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAPU01-12S15H Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMAPU01-12S15H Datasheet HTML 1Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 2Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 3Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 4Page - Wall Industries,Inc. DCMAPU01-12S15H Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
DCMAPU01H SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
11/17/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, Resistive Load, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
3.3V Input Models
2.97
3.3
3.63
VDC
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
24V Input Models
21.6
24
26.4
Input Surge Voltage
3.3V Input Models
-0.7
6
VDC
5V Input Models
0.7
9
12V Input Models
0.7
18
24V Input Models
0.7
30
Input Filter
All Models
Internal Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±1.0
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation
See Table
Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
Single Output Models
220
µF
Dual Output Models
100
Ripple & Noise (20MHz bandwidth)
0-20MHz Bandwidth
65
100
mVp-p
Temperature Coefficient
±0.01
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
Normal Vin at 25ºC
160
%
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+90
ºC
Case Temperature
+95
ºC
Storage Temperature
-50
+125
ºC
Humidity
Non-Condensing
+95
%RH
Cooling
Natural Convection
Lead Temperature
1.5mm from case for 10 sec.
260
ºC
MTBF (calculated)
MIL-HDBK-217F @25ºC, Ground Benign
3,711,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
40
75
110
KHz
Isolation Voltage
60 Seconds
3000
VDC
Isolation Resistance
500VDC
10
G
Ω
Isolation Capacitance
100KHz, 1V
20
pF
PHYSICAL SPECIFICATIONS
Weight
0.11oz (3.1g)
Dimensions (L x W x H)
0.77in x 0.40in x 0.28in
(19.5mm x 10.2mm x 7.1mm)
Case Material
Non Conductive Black Plastic
(Flammability to UL 94V-0 rated)
Pin Material
Tinned Copper
SAFETY CHARACTERISTICS
Safety Approvals (Pending)
UL/cUL 60905-1 recognition (UL certificate), IEC/EN 60950-1 (CB-report)
UL/cUL 62368-1 recognition (UL certificate), IEC/EN 62368-1 (CB report)
EMI(4)
Conduction
EN55022, FCC part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air ±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient(5)
EN61000-4-4 ±2kV
A
Surge(5)
EN61000-4-5 ±1kV
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 3A/m
A


Similar Part No. - DCMAPU01-12S15H

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMA-37-NMB-K47FO ITT-DCMA-37-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
List of Unclassifed Man...
DCMA-37P ETC1-DCMA-37P Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37P ITT-DCMA-37P Datasheet
35Kb / 1P
   Datasheet for part number DCMA-37P
logo
List of Unclassifed Man...
DCMA-37P-FO ETC1-DCMA-37P-FO Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37S-NMB-K47FO ITT-DCMA-37S-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCMAPU01-12S15H

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com