Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0871.152NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0871.152NL
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0871.152NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0871.152NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0871.152NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P682.E (04/15)
1
pulseelectronics.com
SMT Power Inductors
Round Wires – PG0871NL series
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C 1
NOTES:
1. Actual temperature of the component during system operation(ambient
plus temperature rise) must be within the standard operating range.
2. Inductance at Irated is a typical inductance value for the component taken
at rated current.
3. The rated current as listed is either the saturation current (@ 25°C) or the
heating current depending on which value is lower.
4. The DCR of the part is measured at an ambient temperature of 20°C±3°C
from point a and b as shown below on the mechanical drawing.
5. The saturation current, Isat, is the current at which the component induc-
tance drop by 20% (typical) at an ambient temperature of 25°C. This
current is determined by placing the component in the specified ambient
environment and applying a short duration pulse current (to eliminate
self-heating effect) to the component.
6. The heating current, Idc, is the DC current required to raise the com-
ponent temperature by approximately 40°C. The heating current is
determined by mounting the component on a typical pcb and applying
current for 30 minutes. The temperature is measured by placing the ther-
mocouple on top of the unit under test. Take note that the components’
performance varies depending on the system condition. IT is suggested
that the component be tested at the system level, to verify the tempera-
ture rise of the component during system operation.
7. Core loss approximation is based on published core data:
Core Loss = K1 * (f)
* (ΔB)
in mW
K1 = 71.56 E-4
ΔB = K2 * Vusec in mT
f = switching frequency in MHz
K1 & K2 = core loss factors
V = Voltage across the component in V
Vusec = V * D /f
D = Duty cycle
8. Unless otherwise specified, all testing is made at 100kHz, 0.1Vac
9. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to
the part number (i.e. PG0871.222NL becomes PG0871.222NLT). Pulse
complies to industry standard tape and reel specification EIA481. The
tape and reel for this product has a width(W=16.0mm), pitch(Po=12.0mm)
and depth (Ko=6.8 mm).
Current Rating: up to 28Apk
Inductance Range: 0.46uH to 10.5uH
Height: 6.4mm Max
Footprint: 7.6mm x 7.4mm Max
1.324
2.422
Part
Number
Inductance
@Irated 2
(µH TYP)
Irated 3
(A)
Controlled Electical Specs
Saturation Current Isat 5
(A TYP)
Heating Current 6
Idc
(A TYP)
Core Loss 7
Factor
(K2)
DCR 4
(mW)
±8%
Inductance
@ 0Adc
(µH ± 20%)
25°C
100°C
PG0871.461NL
0.42
24.0
1.5
0.46
28.0
25.0
24.0
14.196
PG0871.681NL
0.64
19.0
2.3
0.68
24.5
20.0
19.0
10.647
PG0871.821NL
0.71
19.0
2.3
0.82
21.0
18.0
19.0
10.647
PG0871.102NL
0.80
17.5
2.3
1.00
17.5
15.5
19.0
10.647
PG0871.152NL
1.20
13.5
4.4
1.5
14
12.5
13.5
8.517
PG0871.222NL
2.00
9.5
7.6
2.20
12.0
10.5
9.5
7.098
PG0871.332NL
3.00
7.1
13.5
3.30
10.5
9.5
7.1
5.324
PG0871.472NL
4.50
6.7
17.0
4.70
9.3
8.0
6.7
4.259
PG0871.682NL
6.40
5.8
20.0
6.80
7.8
6.5
5.8
3.549
PG0871.922NL
8.80
4.9
30.0
9.20
6.7
5.5
4.9
3.042
PG0871.103NL
9.50
4.7
31.5
10.50
6.3
5.3
4.7
2.839


Similar Part No. - PG0871.152NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0871.152NL PULSE-PG0871.152NL Datasheet
376Kb / 2P
   SMT Power Inductors
More results

Similar Description - PG0871.152NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com