Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F1101AIDGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1101AIDGVR
Description  MIXED SIGNAL MICROCONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1101AIDGVR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F1101AIDGVR Datasheet HTML 1Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 2Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 3Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 4Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 5Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 6Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 7Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 8Page - Texas Instruments MSP430F1101AIDGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage Range 1.8 V to 3.6 V
D Ultralow-Power Consumption
− Active Mode: 160
µA at 1 MHz, 2.2 V
− Standby Mode: 0.7
µA
− Off Mode (RAM Retention): 0.1
µA
D Wake-Up From Standby Mode in less
than 6
µs
D 16-Bit RISC Architecture, 125 ns
Instruction Cycle Time
D Basic Clock Module Configurations:
− Various Internal Resistors
− Single External Resistor
− 32-kHz Crystal
− High-Frequency Crystal
− Resonator
− External Clock Source
D 16-Bit Timer_A With Three
Capture/Compare Registers
D On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
Conversion
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by
Security Fuse
D Family Members Include:
MSP430C1101: 1KB ROM, 128B RAM
MSP430C1111: 2KB ROM, 128B RAM
MSP430C1121: 4KB ROM, 256B RAM
MSP430F1101A: 1KB + 128B Flash Memory
128B RAM
MSP430F1111A: 2KB + 256B Flash Memory
128B RAM
MSP430F1121A: 4KB + 256B Flash Memory
256B RAM
D Available in a 20-Pin Plastic Small-Outline
Wide Body (SOWB) Package, 20-Pin Plastic
Small-Outline Thin Package, 20-Pin TVSOP
(F11x1A only) and 24-Pin QFN
D For Complete Module Descriptions, Refer
to the MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430x11x1(A) series is an ultralow-power mixed signal microcontroller with a built-in 16-bit timer,
versatile analog comparator and fourteen I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data for display or for transmission to a host system. Stand alone RF sensor front end is another
area of application. The I/O port inputs provide single slope A/D conversion capability on resistive sensors.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
20-PIN SOWB
(DW)
PLASTIC
20-PIN TSSOP
(PW)
PLASTIC
20-PIN TVSOP
(DGV)
PLASTIC
24-PIN QFN
(RGE)
−40
°C to 85°C
MSP430C1101IDW
MSP430C1111IDW
MSP430C1121IDW
MSP430C1101IPW
MSP430C1111IPW
MSP430C1121IPW
MSP430F1101AIDGV
MSP430F1111AIDGV
MSP430C1101IRGE
MSP430C1111IRGE
MSP430C1121IRGE
−40
°C to 85°C
MSP430C1121IDW
MSP430F1101AIDW
MSP430F1111AIDW
MSP430F1121AIDW
MSP430C1121IPW
MSP430F1101AIPW
MSP430F1111AIPW
MSP430F1121AIPW
MSP430F1111AIDGV
MSP430F1121AIDGV
MSP430C1121IRGE
MSP430F1101AIRGE
MSP430F1111AIRGE
MSP430F1121AIRGE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1999 − 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430F1101AIDGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1101AIDGVR TI-MSP430F1101AIDGVR Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
MSP430F1101AIDGVR TI-MSP430F1101AIDGVR Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIDGVR TI-MSP430F1101AIDGVR Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIDGVR TI1-MSP430F1101AIDGVR Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430F1101AIDGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com