Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPK0305DA-3W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPK0305DA-3W
Description  3W 3KVDC Isolated Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPK0305DA-3W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPK0305DA-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPK0305DA-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPK0305DA-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPK-3W Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPK-3W series are miniature, isolated 3W DC/DC converters in a SIP package. They offer the
ideal solution in many space critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance at low cost. The series offers
smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Load Regulation (Max)
Efficiency (Typ.)
Package
Style
V
V
mA
%
%
TPK0303SA-3W
3.3
3.3
909/90.9
7.2
82
SIP
TPK0305SA-2W
3.3
5
600/60
7.2
82
SIP
TPK0503SA-3W
5
3.3
909/90.9
7.2
82
SIP
TPK0505SA-3W
5
5
600/60
7.2
82
SIP
TPK0509SA-3W
5
9
333/33.3
5.8
86
SIP
TPK0512SA-3W
5
12
250/25
5.0
86
SIP
TPK0515SA-3W
5
15
200/20
4.6
87
SIP
TPK1205SA-3W
12
5
600/60
4.9
84
SIP
TPK1209SA-3W
12
9
333/33.3
3.0
87
SIP
TPK1212SA-3W
12
12
250/25
2.9
87
SIP
TPK1215SA-3W
12
15
200/20
2.5
89
SIP
TPK1515SA-3W
15
15
200/20
2.5
84
SIP
TPK2405SA-3W
24
5
600/60
4.9
84
SIP
TPK2412SA-3W
24
12
250/25
5.0
84
SIP
TPK2415SA-3W
24
15
200/20
2.5
89
SIP
TPK2424SA-3W
24
24
125/12.5
5.0
83
SIP
TPK0505S-3W
5
±5
±300/±30
6.3
83
SIP
TPK0509S-3W
5
±9
±166.5/±16.65
5.4
86
SIP
TPK0512S-3W
5
±12
±125/±12.5
4.8
86
SIP
TPK0515S-3W
5
±15
±100/±10
5.3
87
SIP
TPK0524S-3W
5
±24
±62.5/±6.25
5.0
83
SIP
TPK1205S-3W
12
±5
±300/±30
3.9
84
SIP
TPK1209S-3W
12
±9
±166.5/±16.65
2.9
86
SIP
TPK1212S-3W
12
±12
±125/±12.5
2.8
87
SIP
TPK1215S-3W
12
±15
±100/±10
2.5
87
SIP
TPK1515S-3W
15
±15
±100/±10
2.5
87
SIP
TPK2405S-3W
24
±5
±300/±30
3.9
84
SIP
TPK2412S-3W
24
±12
±125/±12.5
2.8
87
SIP
TPK2415S-3W
24
±15
±100/±10
2.5
87
SIP
TPK2424S-3W
24
±24
±62.5/±6.25
5.0
83
SIP
TPK0305DA-3W
3.3
5
600/60
7.2
82
DIP
TPK0505DA-3W
5
5
600/60
7.2
82
DIP
TPK0509DA-3W
5
9
333/33.3
5.8
86
DIP
TPK0512DA-3W
5
12
250/25
5.0
86
DIP
TPK0515DA-3W
5
15
200/20
4.6
87
DIP
TPK1205DA-3W
12
5
600/60
4.9
84
DIP
TPK1209DA-3W
12
9
333/33.3
3.0
87
DIP
TPK1212DA-3W
12
12
250/25
2.9
87
DIP
TPK1215DA-3W
12
15
200/20
2.5
89
DIP
TPK1515DA-3W
15
15
200/20
2.5
84
DIP
TPK2405DA-3W
24
5
600/60
4.9
84
DIP
TPK2412DA-3W
24
12
250/25
5.0
84
DIP
TPK2424DA-3W
24
24
125/12.5
5.0
83
DIP
TPK0505D-3W
5
±5
±300/±30
6.3
83
DIP
TPK0509D-3W
5
±9
±166.5/±16.65
5.4
86
DIP
TPK0512D-3W
5
±12
±125/±12.5
4.8
86
DIP
TPK0515D-3W
5
±15
±100/±10
5.3
87
DIP
TPK1205D-3W
12
±5
±300/±30
3.9
84
DIP
TPK1209D-3W
12
±9
±166.5/±16.65
2.9
86
DIP
TPK1212D-3W
12
±12
±125/±12.5
2.8
87
DIP
TPK1215D-3W
12
±15
±100/±10
2.5
87
DIP
TPK1515D-3W
15
±15
±100/±10
2.5
87
DIP
TPK2405D-3W
24
±5
±300/±30
3.9
84
DIP
TPK2412D-3W
24
±12
±125/±12.5
2.8
87
DIP
TPK2424D-3W
24
±24
±62.5/±6.25
5.0
83
DIP
Add suffix “P” for continuous short circuit protection, for example TPK0505SP-3W.
FEATURES
RoHS compliant
Efficiency from 80%
Input voltage: 3.3V, 5V,12V, 15V,24V
Operating temperature: -40℃to 85℃
UL 94V-0 package material
Output voltage: 3.3V,5V, 9V, 12V, 15V ,24V / ±5V, ±9V, ±12V, ±15V,±24V
Industry standard pinout
3KVDC isolation (1 minute)
CE certification
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TOPPOWER


Similar Part No. - TPK0305DA-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPK0305DA-3W TOPPOWER-TPK0305DA-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Similar Description - TPK0305DA-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25_V01 Datasheet
802Kb / 4P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com