Electronic Components Datasheet Search |
|
T323A474M006AT Datasheet(PDF) 8 Page - Kemet Corporation |
|
T323A474M006AT Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2039_T322_AXIAL_T323 • 9/9/2015 88 Tantalum Through-Hole Capacitors – Molded Axial T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style) Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF CX01 & CX05 Capacitors per MIL–PRF–49137/1 & 5 VDC µF (See below for part options) µA @ 25°C Max/5 Minimum % @ 25°C 120 Hz Maximum Military Part Number KEMET Part Number 35 0.27 A T322A274(1)035A(2) 0.5 3 35 0.33 A T322A334J035A(2) 0.5 3 35 0.33 A T322A334K035A(2) 0.5 3 CX05M334K T323A334K035A(2) 35 0.33 A T322A334M035A(2) 0.5 3 CX05M334M T323A334M035A(2) 35 0.39 A T322A394(1)035A(2) 0.5 3 35 0.47 A T322A474J035A(2) 0.5 3 35 0.47 A T322A474K035A(2) 0.5 3 CX05M474K T323A474K035A(2) 35 0.47 A T322A474M035A(2) 0.5 3 CX05M474K T323A474K035A(2) 35 0.56 B T322B564J035A(2) 0.5 3 35 0.56 B T322B564K035A(2) 0.5 3 CX01M564K T323B564K035A(2) 35 0.56 B T322B564M035A(2) 0.5 3 CX01M564M T323B564M035A(2) 35 0.68 B T322B684J035A(2) 0.5 3 35 0.68 B T322B684K035A(2) 0.5 3 CX01M684K T322B684K035A(2) 35 0.68 B T322B684M035A(2) 0.5 3 CX01M684M T322B684M035A(2) 35 0.82 B T322B824J035A(2) 0.5 3 35 0.82 B T322B824K035A(2) 0.5 3 CX01M824K T323B824K035A(2) 35 0.82 B T322B824M035A(2) 0.5 3 CX01M824M T323B824M035A(2) 35 1.0 B T322B105J035A(2) 0.5 3 35 1.0 B T322B105K035A(2) 0.5 3 CX01M105K T323B105K035A(2) 35 1.0 B T322B105K035A(2) 0.5 3 CX01M105M T323B105M035A(2) 35 1.2 B T322B125J035A(2) 0.5 3 35 1.2 B T322B125K035A(2) 0.5 3 CX01M125K T323B125K035A(2) 35 1.2 B T322B125M035A(2) 0.5 3 CX01M125M T323B125M035A(2) 35 1.5 B T322B155J035A(2) 0.5 3 35 1.5 B T322B155K035A(2) 0.5 3 CX05M155K T323B155K035A(2) 35 1.5 B T322B155M035A(2) 0.5 3 CX05M155M T323B155M035A(2) 35 1.8 C T322C185(1)035A(2) 0.5 3 35 2.2 C T322C225(1)035A(2) 0.6 3 35 2.7 C T322C275(1)035A(2) 0.8 3 35 3.3 C T322C335J035A(2) 0.9 4 35 3.3 C T322C335K035A(2) 0.9 4 CX05M335K T323C335K035A(2) 35 3.3 C T322C335M035A(2) 0.9 4 CX05M335M T323C335M035A(2) 35 3.9 C T322C395J035A(2) 1.1 4 35 3.9 C T322C395K035A(2) 1.1 4 CX05M395K T323C395K035A(2) 35 3.9 C T322C395M035A(2) 1.1 4 CX05M395M T323C395M035A(2) 35 4.7 C T322C475J035A(2) 1.3 4 35 4.7 C T322C475K035A(2) 1.3 4 CX05M475K T323C475K035A(2) 35 4.7 C T322C475M035A(2) 1.3 4 CX05M475M T322C475M035A(2) 35 5.6 D T322C565M035A(2) 1.6 4 35 6.8 D T322D685J035A(2) 1.9 4 35 6.8 D T322D685K035A(2) 1.9 4 CX05M685K T323D685K035A(2) 35 6.8 D T322D685M035A(2) 1.9 4 CX05M685M T323D685M035A(2) 35 8.2 D T322D825(1)035A(2) 2.3 4 35 10.0 D T322D106J035A(2) 2.8 4 35 10.0 D T322D106K035A(2) 2.8 4 CX05M106K T323D106K035A(2) 35 10.0 D T322D106M035A(2) 2.8 4 CX05M106M T323D106M035A(2) 35 12.0 E T322E126(1)035A(2) 3.3 4 35 15.0 E T322E156(1)035A(2) 4.2 6 35 18.0 E T322E186(1)035A(2) 5.0 6 35 22.0 E T322E226(1)035A(2) 6.2 6 35 27.0 E T322E276(1)035A(2) 7.5 6 35 33.0 E T322E336(1)035A(2) 9.2 6 35 39.0 F T322F396(1)035A(2) 10.0 6 35 47.0 F T322F476(1)035A(2) 10.0 6 50 0.1 A T322A104J050A(2) 0.5 3 50 0.1 A T322A104K050A(2) 0.5 3 CX05N104K T323A104K050A(2) VDC µF Case Code/ Case Size (see below for part options) µA @ 25°C Max/5 Minimum % @ 25°C 120 Hz Maximum Military Part Number KEMET Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF CX01 & CX05 Capacitors per MIL–PRF–49137/1 & 5 Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish. |
Similar Part No. - T323A474M006AT |
|
Similar Description - T323A474M006AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |