Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M550B108M050AT Datasheet(PDF) 3 Page - Kemet Corporation

Part # M550B108M050AT
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M550B108M050AT Datasheet(HTML) 3 Page - Kemet Corporation

  M550B108M050AT Datasheet HTML 1Page - Kemet Corporation M550B108M050AT Datasheet HTML 2Page - Kemet Corporation M550B108M050AT Datasheet HTML 3Page - Kemet Corporation M550B108M050AT Datasheet HTML 4Page - Kemet Corporation M550B108M050AT Datasheet HTML 5Page - Kemet Corporation M550B108M050AT Datasheet HTML 6Page - Kemet Corporation M550B108M050AT Datasheet HTML 7Page - Kemet Corporation M550B108M050AT Datasheet HTML 8Page - Kemet Corporation M550B108M050AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
33
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Qualification
Test Performed
Method Reference
Test Conditions
Reliability and Environmental Tests
ACRippleLifeat85˚C,0.67Vr
MIL–PRF–39006
85˚C,40kHzripplecurrent,2,000hours
Thermal Shock
MIL–PRF–39006
ConditionA,−55°Cto+105°C5cycles
Temperature Stability
MIL–PRF–39006
Extreme temperature exposure at a succession of continuous steps at
+25°C,−55°C,+25°C,+85°C,+105,+25°C
Physical, Mechanical and Process Tests
Mechanical Shock
KEMET Custom Test
Condition I
Vibration High Frequency
MIL–PRF–39006
Method 204, Test condition D, 20 g peak
Dimensions – Millimeters (Inches)
W
RIGHT SIDE VIEW
FRONT VIEW
FRAME 1
FRAME 2
L
LL
S
F
H
RIGHT SIDE VIEW
LL
F
H
W2
H2
H1
W1
ød
ød
+
-
FRONT VIEW
L
S
W2
H2
H1
W1
ød
W
Dimensions mm (In)
Frame
Size
L
±0.38
(0.015)
W
±0.38
(0.015)
H
±0.20
(0.008)
S
ref
LL
± 0.1
(0.004)
F
ref
H1
± 0.1
(0.004)
W1
± 0.1
(0.004)
H2
± 0.1
(0.004)
W2
± 0.1
(0.004)
d
ref
Weight
per module
(g)
1
52.1
(2.05)
50.6
(1.99)
11.1
(0.44)
12.71
(0.50)
5.6
(0.22)
0.81
(0.03)
4.5
(0.18)
3.2
(0.13)
8.2
(0.32)
4.4
(0.17)
3.2
(0.13)
80
2
48.4
(1.90)
28.2
(1.11)
11.1
(0.44)
11.50
(0.45)
3.2
(0.13)
0.81
(0.03)
4.5
(0.18)
3.2
(0.13)
8.2
(0.32)
4.4
(0.17)
3.2
(0.13)
50


Similar Part No. - M550B108M050AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
More results

Similar Description - M550B108M050AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com