Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCR8065M3NBN-001 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HCR8065M3NBN-001
Description  ASSEMBLYANDINSTALLATIONINSTRUCTIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HCR8065M3NBN-001 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HCR8065M3NBN-001 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HCR8065M3NBN-001
HCR8065M3NWN-001
806-960MHz &1710-2200MHz HCR-M-3
ASSEMBLY AND INSTALLATION INSTRUCTIONS
Please read all instructions carefully before
attempting to install and use this product.
SAFETY
The HCR8065M3NBN-001, HCR8065M3NBN-001 and all
associated equipment should be installed in accordance with
all applicable local and national electrical code
guidelines to ensure safe operation.
The industry standard NMO mounting socket mates with all
Laird Technologies’ magnetic, trunk lid, and hole mounts.
Order Motorola style mount separately.
For ground plane or metal surface antennas:
PRECAUTION
The antenna should be mounted on the desired location
before FUNCTIONING. This is to ensure that not damage
antenna during the mounting of the antenna.
IAS_165-00146_001_AA_082014
1.
Check your antenna to be certain the antenna
resonant
frequency
range
and
your
radio
are
compatible.
2.
Prepare an NMO style mount on a metal surface. It is
recommended to mount at or nearest the center of
the surface away from other objects.
3.
Install the HCR-M-3 antenna by tightening it onto a
threaded NMO style-mounting socket. A fair amount of
torque is needed to fully tighten the antenna until a
seal is obtained between the bottom O-ring and
vehicle surface. To assist tightening the antenna to the
mount, apply two small pieces of protective heat shrink
tubing to the jaws of a slip joint plier.
4.
When finished, inspect for a proper bottom O-ring
seal. This will prevent water leaking into the mount
and perhaps into the vehicle/Machine.
MOUNTING
Warranty and Liability
Laird warrants to the original purchaser that antenna products will remain free from defects in
materials and workmanship for period of (5) years from the purchase date. If any such defect is
discovered within the warranty period, Laird will at its sole option, repair or replace the Product
free of charge upon its return to the factory. This warranty applies only if the Product is used in a
normal fashion, and is void if the Product is abused, disassembled, tampered with, used
unreasonably, or fails as a result of normal wear. Furthermore, this warranty applies only to
defects, which occur where the proper Product is selected as recommended by Laird and is used
in the fashion recommended by Laird for the defective Product. THIS WARRANTY IS IN LIEU OF
ALL OTHER WARRANTIES, EXPRESSED OR IMPLIED, AND IS LIMITED TO A PERIOD OF (5) YEARS
FROM THE DATE OF ORIGINAL PURCHASE. LAIRD IS NOT LIABLE FOR INCIDENTAL OR
CONSEQUENTIAL DAMAGES OF ANY KIND. ANY WARRANTY EXTENDED HEREIN SHALL BE LIMITED
TO THE PRICE PAID TO LAIRD FOR THE DEFECTIVE PRODUCT. WHERE STATE OR LOCAL LAW
GOVERNS THE PERIOD OF WARRANTY, SUCH PERIOD SHALL CONTROL.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia; +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Antenna perspective view mounting to NMO
SPECIFICATIONS
Model Number
HCR8065M3NBN-001
HCR8065M3NWN-001
Frequency
806-960MHz
1710-2200MHz
Gain (Typical)
2.1dBi
2.6dBi
Gain (Max)
2.2dBi
3.2dBi
VSWR
< 2:1
Max Input Power
10W
Radiation Pattern
Omnidirectional
Polarization
Vertical
Nominal Impedance
50 Ohm
Antenna Dimension
83.8(H)X36.5(Dia.)mm (Excludes Gasket Height)
Weight
106g
Antenna Color
Black/White
Wind Survival
282 km/h
Operating Temperature
-30ºC +70ºC
Storage Temperature
-40ºC +85ºC
Ingression Protection
IP67
RoHS Compliance
YES


Similar Part No. - HCR8065M3NBN-001

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HCR8065M3NBN-001 LSTD-HCR8065M3NBN-001 Datasheet
513Kb / 2P
   Conformance to RoHS
More results

Similar Description - HCR8065M3NBN-001

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HCR8065M3PBL-001 LSTD-HCR8065M3PBL-001 Datasheet
312Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
HCR8065M3PBN-001 LSTD-HCR8065M3PBN-001 Datasheet
311Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
HCR8065M3NBL-001 LSTD-HCR8065M3NBL-001 Datasheet
310Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com