Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2843CHIPSET-B Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2843CHIPSET-B
Description  10.709 Gbps Laser Diode Driver Chipset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2843CHIPSET-B Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2843CHIPSET-B Datasheet HTML 4Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 5Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 6Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 7Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 8Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 9Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 10Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 11Page - Analog Devices ADN2843CHIPSET-B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
–8–
ADN2843
•Best high frequency board layout techniques including power and ground planes should be used.
• To minimize inductance, keep the connections between the ADN2845 and the laser diode as short as possible. Inductances <0.3 nH
are recommended for best performance. Critical bonds are IMODP and VCC (Pin 14). Ribbon bonding can be used to reduce
bond inductance. Minimize bond lengths for ADN2845 pads to achieve low inductance.
•Place bypass capacitor on laser anode as close to laser as possible.
•Bypass capacitors should be placed as close as possible to VCC pads.
• 50
controlled impedance interconnects should be used on the DATA inputs.
•Parasitic capacitance on IBIAS_CTRL and IMOD_CTRL interconnects should be less than 100 pF. If decoupling caps are used
on IBIAS_CTRL and IMOD_CTRL, they should be tied to VCC rather than GND.
• An inductor should be used in the bias current path. A Microwave Components coil 30-1847-GCCAS-01 (48 mil
24 mil) should
be used.
•The recommended substrate connection is to GND. However, the performance is not affected by connecting the substrate to VCC.
22nF
10nF
IDTONE
IBMON
IMMON
ALS
FAIL
DEGRADE
GND
ASET
ERSET
PSET
GND
IMPD
IMPDMON
IMPDMON2
ADN2844
1
8
32
25
IMPD2
GND
DATAN
GND
NC
GND
DATAP
IMODNTERM
NC
IMODP
IBIAS
ALS
GND
VCC
VCC VCC
GND
ADN2845
15
18
9
6
1
10
14
5
10nF
10k
1k
1k
22nF
24
17
9
16
VCC
10nF
10nF
100 F TANTALUM
VCC
10nF
VCC
MPD
10nF
VCC
VCC
10nF
VCC
NOTES
*FOR DIGITAL PROGRAMMING, THE ADN2850 OR ADN2860 OPTICAL SUPERVISOR CAN BE USED.
**OPTIONAL MONITORING OF CURRENTS.
1k
NC
**
**
**
**
VCC
VCC
VCC
VCC
VCC
Figure 3. ADN2843 Application Circuit (Mode A)


Similar Part No. - ADN2843CHIPSET-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
More results

Similar Description - ADN2843CHIPSET-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
   2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com