Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2373 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2373
Description  6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2373 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2373 Datasheet HTML 1Page - Burr-Brown (TI) OPA2373 Datasheet HTML 2Page - Burr-Brown (TI) OPA2373 Datasheet HTML 3Page - Burr-Brown (TI) OPA2373 Datasheet HTML 4Page - Burr-Brown (TI) OPA2373 Datasheet HTML 5Page - Burr-Brown (TI) OPA2373 Datasheet HTML 6Page - Burr-Brown (TI) OPA2373 Datasheet HTML 7Page - Burr-Brown (TI) OPA2373 Datasheet HTML 8Page - Burr-Brown (TI) OPA2373 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FEATURES
D LOW OFFSET: 5mV (max)
D LOW IB: 10pA (max)
D HIGH BANDWIDTH: 6.5MHz
D RAIL-TO-RAIL INPUT AND OUTPUT
D SINGLE SUPPLY: +2.3V to +5.5V
D SHUTDOWN: OPAx373
D SPECIFIED UP TO +125°C
D MicroSIZE PACKAGES: SOT23-5, SOT23-6,
and SOT23-8
APPLICATIONS
D PORTABLE EQUIPMENT
D BATTERY-POWERED DEVICES
D ACTIVE FILTERS
D DRIVING A/D CONVERTERS
DESCRIPTION
The OPA373 and OPA374 families of operational
amplifiers are low power and low cost with excellent
bandwidth (6.5MHz) and slew rate (5V/
µs). The input
range extends 200mV beyond the rails and the output
range is within 25mV of the rails. Their speed/power ratio
and small size make them ideal for portable and
battery-powered applications.
The OPA373 family includes a shutdown mode. Under
logic control, the amplifiers can be switched from normal
operation to a standby current that is less than 1
µA.
The OPA373 and OPA374 families of operational
amplifiers are specified for single or dual power supplies
of +2.7V to +5.5V, with operation from +2.3V to +5.5V. All
models are specified for −40
°C to +125°C.
1
2
3
5
4
V+
−IN
Out
V
+IN
OPA374
SOT23−5
1
2
3
4
8
7
6
5
Enable
V+
OUT
NC(2)
NC(2)
−IN
+IN
V
OPA373
SO−8
1
2
3
4
8
7
6
5
NC(2)
V+
OUT
NC(2)
NC(2)
−IN
+IN
V
OPA374
SO−8
1
2
3
4
5
10
9
8
7
6
V+
OUT B
−IN B
+IN B
Enable B
OUT A
−IN A
+IN A
V
Enable A
OPA2373
MSOP−10
A
B
1
2
3
4
8
7
6
5
V+
OUT B
−IN B
+IN B
OUT A
−IN A
+IN A
V
OPA2374
SO−8, SOT23−8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT D
−IN D
+IN D
V
+IN C
−IN C
OUT C
OUT A
−IN A
+IN A
V+
+IN B
−IN B
OUT B
OPA4374
SO−14, TSSOP−14
A
D
B
C
1
2
3
6
5
4
V+
Enable
−IN
Out
V
+IN
OPA373
SOT23−6(1)
(1) Pin 1 of the SOT23-6 is determined by orienting the package marking as shown.
(2) NC indicates no internal connection.
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279D − SEPTEMBER 2003 − REVISED DECEMBER 2004
6.5MHz, 585
µA, Rail-to-Rail I/O
CMOS Operational Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2373 TI1-OPA2373 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDGSR TI1-OPA2373AIDGSR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDGST TI1-OPA2373AIDGST Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDRCR TI1-OPA2373AIDRCR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDRCRG4 TI1-OPA2373AIDRCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com