Electronic Components Datasheet Search |
|
409-32041 Datasheet(PDF) 5 Page - TE Connectivity Ltd |
|
409-32041 Datasheet(HTML) 5 Page - TE Connectivity Ltd |
5 / 9 page 409-32041 Rev B 5 of 9 When reading this manual, pay particular attention to DANGER, CAUTION, and NOTE statements. DANGER Denotes an imminent hazard that may result in moderate or severe injury. CAUTION Denotes a condition that may result in product or equipment damage. NOTE Highlights special or important information. NOTE Dimensions in this customer manual are in metric units [with U.S. customary units in brackets]. Figures are not drawn to scale. 2. RECEIVING/INSPECTION The 12 Ton Pistol Grip Battery Powered Crimp Tool Kit 2280308-[ ] is thoroughly inspected during and after assembly. Prior to packaging and shipping, a final series of tests and inspections is made to ensure proper functioning of the tool. The following inspection should be performed as a safeguard against potential problems generated in transit. 1. In a well-lighted area, carefully uncrate the tool and inspect each component as it is removed from the crate. 2. Thoroughly inspect each component for evidence of damage that may have occurred in transit. If any of the components are damaged, file a claim against the carrier and notify TE Connectivity immediately. 3. Keep this manual and all drawings and product samples with the tool for the benefit of operation and maintenance personnel. The crimp tool should be inspected at regularly scheduled intervals, depending on card, degree of operator skill, the type and size of product being crimped, and environmental conditions. At a minimum, the tool should be inspected after every 40 hours of use. 3. INSTALLATION/REMOVAL OF DIE ASSEMBLIES CAUTION Do not operate the tool without the Latch Head installed. Damage to the ram or seals can result. CAUTION Do not operate the tool without the die assemblies. Damage to the crimp head can result. The 12 Ton Battery Powered Crimp Tool 2280308-[ ] comes with the crimp head already installed on the battery-powered hand tool. The only installation required is the installation of the die assemblies. DANGER To avoid personal injury, be sure to exercise extreme caution when handling the crimp tool. Avoid accidentally depressing the trigger control when installing or removing crimp dies. 3.1. Installation of Die Assemblies Refer to Figure 2. CAUTION These instructions are specific to the use of TE die assemblies. Be sure to use ONLY TE die assemblies. 1. Remove the battery from the tool. 2. Press button and insert die into the ram. Dies will “click” into position. 3. Press button and insert the stationary die into the yoke. Die will “click” into position. |
Similar Part No. - 409-32041 |
|
Similar Description - 409-32041 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |