Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-703D Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # A-703D
Description  HARTMAN Power Switching DC Contactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

A-703D Datasheet(HTML) 5 Page - TE Connectivity Ltd

  A-703D Datasheet HTML 1Page - TE Connectivity Ltd A-703D Datasheet HTML 2Page - TE Connectivity Ltd A-703D Datasheet HTML 3Page - TE Connectivity Ltd A-703D Datasheet HTML 4Page - TE Connectivity Ltd A-703D Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6–104
HARTMAN Power Switching DC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
A-703 and AH-703 Series, Rated up to 400 Amps, 28 Vdc (Continued)
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
A-703
Gasket/Vented
A
Continuous, Economized
1
1616058-1
A-703CD
Gasket/Vented
C
Intermittent
2
1616058-6
A-703CSM
Gasket/Vented
D
Intermittent
15
0-1616058-7
A-703D
Gasket/Vented
D
Intermittent
3
1616058-8
A-703DBH
Gasket/Vented
D
Intermittent
3
1-1616058-0
A-703E
Gasket/Vented
D
Continuous, Economized
4
1-1616058-1
A-703FA
Gasket/Vented
D
Intermittent w/Supp.
5
1-1616058-2
A-703FB
Gasket/Vented
D
Intermittent
6
1-1616058-3
A-703FSS
Gasket/Vented
D
Intermittent w/Supp.
7
1-1616058-4
A-703G-1
Gasket/Vented
D
Continuous, Economized
8
1-1616058-5
A-703GC
Gasket/Vented
D
Continuous, Economized
19
1-1616058-6
A-703B
Gasket/Vented
E
Intermittent
10
1616058-3
A-703GS
Gasket/Vented
D
Continuous, Economized
11
1-1616058-7
w/Supp.
A-703R
Gasket/Vented
D
Continuous, Economized
12
1-1616058-9
w/Supp.
A-703T
Gasket/Vented
D
Intermittent w/Supp.
13
2-1616058-0
A-703ZS
Gasket/Vented
A
Continuous, Economized
14
2-1616058-2
w/Supp.
AH-703F
Hermetically Sealed
F
Continuous, Economized
16
0-1616061-1
w/Supp.
Circuit Configurations (Consult factory for other available circuit configurations)
Circuit Configuration 13
Circuit Configuration 14
Circuit Configuration 15
Circuit Configuration 16


Similar Part No. - A-703D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-703CD MACOM-A-703CD Datasheet
71Kb / 1P
   A-703CD SPST, 400 Amps, 28 VDC
More results

Similar Description - A-703D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A1077 TEC-A1077 Datasheet
812Kb / 4P
   HARTMAN Power Switching DC Contactors
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
B-138 TEC-B-138 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
logo
List of Unclassifed Man...
124-105111 ETC2-124-105111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
Tyco Electronics
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com