Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-703GS Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # A-703GS
Description  HARTMAN Power Switching DC Contactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

A-703GS Datasheet(HTML) 1 Page - TE Connectivity Ltd

  A-703GS Datasheet HTML 1Page - TE Connectivity Ltd A-703GS Datasheet HTML 2Page - TE Connectivity Ltd A-703GS Datasheet HTML 3Page - TE Connectivity Ltd A-703GS Datasheet HTML 4Page - TE Connectivity Ltd A-703GS Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6–100
HARTMAN Power Switching DC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
A-703 and AH-703 Series, Rated up to 400 Amps, 28 Vdc*
Product Facts
n SPST NO, Double break
n Gasket sealed or
Hermetically sealed
n Auxiliary contacts available
n Meets many requirements
of MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement —
SPST NO, Double Break
Rated Operating Voltage —
28 Vdc* Except for A-703CSM which is
36/40 Vdc
Resistive Rating — 400 Amps
Resistive for 30 sec — 1,000 Amps
Inrush Rating — 1,500 Amps
General Characteristics
Temperature Range —
-55°C to +71°C
Operating Cycles (Life) at Rated
Resistive Load, Min. — 50,000
cycles
Operating Cycles (Life)
Mechanical, Min. — 100,000 cycles
Dielectric Strength —
All Circuits to Ground — 1,250 Vrms
Circuit to Circuit — 1,250 Vrms
Coil to Ground and Aux. Contacts —
1,000 Vrms
Weight — 2.12 to 2.88 lbs
Pickup Time, @ Nom. Voltage,
Max. — 35 msec
Dropout Time, @ Nom. Voltage,
Max. — 35 msec
Bounce Time, @ Nom. Voltage,
Max. — .004 msec
Coil Characteristics
Duty Cycle —
Intermittent (Type A, See diagram
below), Intermittent with suppression
(Type B, See diagram below),
Continuous, economized (Type C,
See diagram below) or Continuous,
economized with suppression (Type D,
See diagram below)
Operating Voltage —
28 Vdc Nominal
Pickup Voltage @ 25°C, Max. —
A-703B — 8 Vdc
A-703DBH — 10 Vdc
A-703, A-703CD, A-703CSM, A-703D,
A-703FA, A-703FB, A-703FSS,
A-703ZS — 12 Vdc
A-703T — 13 Vdc
AH-703F, A-703E, A-703G-1, A-703GC,
A-703GS, A-703R, AH-703F — 16 Vdc
Dropout Voltage —
A-703B — 0.5 to 3 Vdc
A-703CD, A-703FA, A-703FB —
0.5 to 5 Vdc
A-703T — 0.5 to 6 Vdc
A-703, A-703CSM, A-703D, A-703FSS,
A-703ZS — 0.5 to 7 Vdc
A-703DBH, A-703E, A-703R —
1.0 to 7 Vdc
AH-703F, A-703G-1, A-703GC, A-
703GS, AH-703F — 1.5 to 7 Vdc


Similar Part No. - A-703GS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-703CD MACOM-A-703CD Datasheet
71Kb / 1P
   A-703CD SPST, 400 Amps, 28 VDC
More results

Similar Description - A-703GS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A1077 TEC-A1077 Datasheet
812Kb / 4P
   HARTMAN Power Switching DC Contactors
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
B-138 TEC-B-138 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
logo
List of Unclassifed Man...
124-105111 ETC2-124-105111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
Tyco Electronics
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com