Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7519ARQZ1-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7519ARQZ1-REEL7
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7519ARQZ1-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADT7519ARQZ1-REEL7 Datasheet HTML 1Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 2Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 3Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 4Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 5Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 6Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 7Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 8Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 4 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
THERMAL CHARACTERISTICS
EXTERNAL TEMPERATURE SENSOR
External transistor = 2N3906.
Accuracy @ VDD = 3.3 V ±10%
±1.5
°C
TA = 85°C.
±3
°C
TA = 0°C +85°C.
±5
°C
TA = –40°C to +120°C.
Accuracy @ VDD = 5 V ±5%
±2
±3
°C
TA = 0°C +85°C.
±3
±5
°C
TA = –40°C to +120°C.
Resolution
10
Bits
Equivalent to 0.25°C.
Output Source Current
180
µA
High Level.
11
µA
Low Level.
Thermal Voltage Output
8-Bit DAC Output
Resolution
1
°C
Scale Factor
8.97
mV/°C
0 V to VREF output. TA = –40°C to +120°C.
17.58
mV/°C
0 V to 2 VREF output. TA = –40°C to +120°C.
10-Bit DAC Output
Resolution
0.25
°C
Scale Factor
2.2
mV/°C
0 V to VREF output. TA = –40°C to +120°C.
4.39
mV/°C
0 V to 2 VREF output. TA = –40°C to +120°C.
CONVERSION TIMES
Single channel mode.
Slow ADC
VDD/AIN
11.4
ms
Averaging (16 samples) on.
712
µs
Averaging off.
Internal Temperature
11.4
ms
Averaging (16 samples) on.
712
µs
Averaging off.
External Temperature
24.22
ms
Averaging (16 samples) on.
1.51
ms
Averaging off.
Fast ADC
VDD/AIN
712
µs
Averaging (16 samples) on.
44.5
µs
Averaging off.
Internal Temperature
2.14
ms
Averaging (16 samples) on.
134
µs
Averaging off.
External Temperature
14.25
ms
Averaging (16 samples) on.
890
µs
Averaging off.
ROUND ROBIN UPDATE RATE5
Slow ADC @ 25°C
Time to complete one measurement cycle
through all channels.
Averaging On
79.8
ms
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging Off
4.99
ms
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging On
94.76
ms
D+ and D– are selected on Pins 7 and 8.
Averaging Off
9.26
ms
D+ and D-– are selected on Pins 7 and 8.
Fast ADC @ 25°C
Averaging On
6.41
ms
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging Off
400.84
µs
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging On
21.77
ms
D+ and D– are selected on Pins 7 and 8.
Averaging Off
3.07
ms
D+ and D– are selected on Pins 7 and 8.
DAC EXTERNAL REFERENCE INPUT
4
VREF Input Range
1
VDD
V
Buffered reference.
VREF Input Impedance
>10
MΩ
Buffered reference and power-down mode.
Reference Feedthrough
–90
dB
Frequency = 10 kHz.
Channel-to-Channel Isolation
–75
dB
Frequency = 10 kHz.


Similar Part No. - ADT7519ARQZ1-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7519ARQZ AD-ADT7519ARQZ Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7519ARQZ-REEL AD-ADT7519ARQZ-REEL Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7519ARQZ-REEL7 AD-ADT7519ARQZ-REEL7 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
More results

Similar Description - ADT7519ARQZ1-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
[Old version datasheet]   DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com