Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7519ARQZ1-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7519ARQZ1-REEL7
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7519ARQZ1-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7519ARQZ1-REEL7 Datasheet HTML 5Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 6Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 7Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 8Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 9Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 10Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 11Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 12Page - Analog Devices ADT7519ARQZ1-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 9 of 44
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
Analog Input Voltage to GND
–0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
–0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
–40°C to +120°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
16-Lead QSOP Package
Power Dissipation1
(TJ max – TA)/θJA
Thermal Impedance2
θJA Junction-to-Ambient
105.44°C/W
θJC Junction-to-Case
38.8°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 sec to 20 sec
Ramp-Up Rate
2°C/sec to 3°C/sec
Ramp-Down Rate
–6°C/sec
Table 4. I2C Address Selection
ADD Pin
I2C Address
Low
1001 000
Float
1001 010
High
1001 011
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Values relate to package being used on a 4-layer board.
2 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, e.g., components mounted on a heat sink.
Junction-to-ambient resistance is more useful for air cooled PCB-mounted
components.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADT7519ARQZ1-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7519ARQZ AD-ADT7519ARQZ Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7519ARQZ-REEL AD-ADT7519ARQZ-REEL Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7519ARQZ-REEL7 AD-ADT7519ARQZ-REEL7 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
More results

Similar Description - ADT7519ARQZ1-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
[Old version datasheet]   DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com