Electronic Components Datasheet Search |
|
T323A474J050AT Datasheet(PDF) 2 Page - Kemet Corporation |
|
T323A474J050AT Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2039_T322_AXIAL_T323 • 9/9/2015 22 Tantalum Through-Hole Capacitors – Molded Axial T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style) Ordering Information T 32X A 474 M 035 A T Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance RatedVoltage (VDC) FailureRate/Military Product TerminationFinish Packaging T = Tantalum Axial Molded Polar Solid Tantalum. Insert appropriate number to replace letter ""X"" = 322 or 323 (CX01 or CX05). A, B, C,D, E,F Firsttwodigits representsignificant figures.Thirddigit specifiesnumberof zeros to follow. J = ±5% K = ±10% M = ±20% 002 = 2 004 = 4 006 = 6 010 = 10 015 = 15 020 = 20 025 = 25 035 = 35 050 = 50 Not Applicable T = 100% tin S = standard (solder-coated nickel) (Whennecessary) ReelingperEIA SpecificationRS- 296 Blank = Bulk 7200=Reel MIL–PRF–49137/1/5 (CX01 and CX05 Style) CX 05 D 225 K Capacitor Class Series RatedVoltage (VDC) Capacitance Code(pF) Capacitance Tolerance CX=MIL-PRF 01 = T322 05 = T323 D=6 F=10 H = 15 J = 20 K = 25 M = 35 N = 50 Firsttwodigits representsignificant figures.Thirddigit specifiesnumberof zeros to follow. K = ±10% M = ±20% Performance Characteristics Item Performance Characteristics Operating Temperature -55°C to 125°C RatedCapacitanceRange 0.1–330μF@120Hz/25°C Capacitance Tolerance J Tolerance (5%), K Tolerance (10%), M Tolerance (20%) RatedVoltageRange 2–50V DF(120Hz@25°C) RefertoPartNumberElectricalSpecificationTable ESRandImpedance(100kHz@25°C) RefertoPartNumberElectricalSpecificationTable(forreferenceonly) Leakage Current RefertoPartNumberElectricalSpecificationTable(@ratedvoltageupto+85°Cand2/3ofrated voltage applied at 125°C) |
Similar Part No. - T323A474J050AT |
|
Similar Description - T323A474J050AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |