Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8598C-2P02 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8598C-2P02
Description  10248-bit CMOS EEPROM with I2C-bus interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8598C-2P02 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8598C-2P02 Datasheet HTML 2Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 3Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 4Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 5Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 6Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 7Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 8Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 9Page - NXP Semiconductors PCF8598C-2P02 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Philips Semiconductors
PCF8598C-2
1024
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 06 — 22 October 2004
6 of 21
9397 750 14219
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Functional description
8.1 I2C-bus protocol
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The
serial bus consists of two bidirectional lines; one for data signals (SDA), and one for
clock signals (SCL).
Both the SDA and SCL lines must be connected to a positive supply voltage via a
pull-up resistor.
The following protocol has been defined:
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is
HIGH. Changes in the data line while the clock line is HIGH will be interpreted as
control signals.
8.1.1
Bus conditions
The following bus conditions have been defined:
Bus not busy — Both data and clock lines remain HIGH.
Start data transfer — A change in the state of the data line, from HIGH-to-LOW,
while the clock is HIGH, defines the START condition.
Stop data transfer — A change in the state of the data line, from LOW-to-HIGH,
while the clock is HIGH, defines the STOP condition.
Data valid — The state of the data line represents valid data when, after a START
condition, the data line is stable for the duration of the HIGH period of the clock
signal. There is one clock pulse per bit of data.
8.1.2
Data transfer
Each data transfer is initiated with a START condition and terminated with a STOP
condition. The number of the data bytes, transferred between the START and STOP
conditions is limited to 7 bytes in the E/W mode and 8 bytes in the Page E/W mode.
Data transfer is unlimited in the read mode. The information is transmitted in bytes
and each receiver acknowledges with a ninth bit.
Within the I2C-bus specifications, a standard-speed mode (100 kHz clock rate) and a
fast-speed mode (400 kHz clock rate) are defined. The PCF8598C-2 operates in only
the standard-speed mode.
By definition, a device that sends a signal is called a ‘transmitter’, and the device
which receives the signal is called a ‘receiver’. The device which controls the signal is
called the ‘master’. The devices that are controlled by the master are called ‘slaves’.
Each byte is followed by one acknowledge bit. This acknowledge bit is a HIGH level,
put on the bus by the transmitter. The master generates an extra acknowledge related
clock pulse. The slave receiver which is addressed is obliged to generate an
acknowledge after the reception of each byte.


Similar Part No. - PCF8598C-2P02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PCF8598C-2P ICST-PCF8598C-2P Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8598C-2P PHILIPS-PCF8598C-2P Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results

Similar Description - PCF8598C-2P02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
logo
Integrated Circuit Syst...
PCF85 ICST-PCF85 Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
Integral Corp.
INA2586 INTEGRAL-INA2586 Datasheet
85Kb / 1P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
logo
KODENSHI_AUK CORP.
KKA2586 KODENSHI-KKA2586 Datasheet
99Kb / 2P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com