Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1206FR-071R Datasheet(PDF) 8 Page - YAGEO Corporation

Part # AC1206FR-071R
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC1206FR-071R Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button AC1206FR-071R Datasheet HTML 4Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 5Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 6Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 7Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 8Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 9Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 10Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 11Page - YAGEO Corporation AC1206FR-071R Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 02, 2016 V.5
Product specification
8
12
SERIES
AC
0201 to 2512
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: –55 °C to +155 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
AC0201=1/20W (0.05W)
AC0402=1/16W (0.0625W); 1/8W (0.125W)
AC0603=1/10W (0.1W); 1/5W (0.2W)
AC0805=1/8W (0.125W); 1/4 W(0.25 W)
AC1206=1/4W (0.25W); 1/2 W (0.5 W)
AC1210=1/2W (0.5W); 1W
AC1218=1W; 1.5W
AC2010=3/4W (0.75W); 1.25W
AC2512=1 W; 2W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
)
PxR
(
Or Maximum working voltage whichever is less
Where
V = Continuous rated DC or AC (rms) working
voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
Fig. 10 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FOOTPRINT AND SOLDERING PROFILES
Recommended footprint and soldering profiles of AC-series is the same as RC-series. Please refer to data sheet
“Chip resistors mounting”.
RESISTANCE
RANGE
TEMPERATURE COEFFICIENT OF RESISTANCE
PT040
2
100 M
Ω TO 910 MΩ
100 mΩ to 910 mΩ
± 200 ppm/°C
PT060
3
± 200 ppm/°C
PT080
5
± 200 ppm/°C
PT120
6
100 mΩ
> 100 mΩ
PT201
0
± 100 ppm/°C
± 75 ppm/°C
PT251
2
± 100 ppm/°C
± 75 ppm/°C
PACKING STYLE
REEL
DIMENSION
AC0201 AC0402 AC0603 AC0805 AC1206 AC1210 AC1218 AC2010 AC2512
Paper taping reel (R)
7" (178 mm)
10,000
10,000
5,000
5,000
5,000
5,000
---
---
---
13" (330 mm)
50,000
50,000
20,000
20,000
20,000
20,000
---
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
---
---
4,000
4,000
4,000
NOTE
1. For paper/embossed tape and reel specifications/dimensions, please refer to data sheet “Chip resistors packing”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity


Similar Part No. - AC1206FR-071R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC1206FR-071R5L YAGEO-AC1206FR-071R5L Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC1206FR-071RL YAGEO-AC1206FR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC1206FR-071R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com