Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M550B108M006BS Datasheet(PDF) 8 Page - Kemet Corporation

Part # M550B108M006BS
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M550B108M006BS Datasheet(HTML) 8 Page - Kemet Corporation

Back Button M550B108M006BS Datasheet HTML 2Page - Kemet Corporation M550B108M006BS Datasheet HTML 3Page - Kemet Corporation M550B108M006BS Datasheet HTML 4Page - Kemet Corporation M550B108M006BS Datasheet HTML 5Page - Kemet Corporation M550B108M006BS Datasheet HTML 6Page - Kemet Corporation M550B108M006BS Datasheet HTML 7Page - Kemet Corporation M550B108M006BS Datasheet HTML 8Page - Kemet Corporation M550B108M006BS Datasheet HTML 9Page - Kemet Corporation M550B108M006BS Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
88
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Construction
Module 1
Detailed Cross Section
Tantalum Wire
Solder
Ta
2O5 Dielectric
(First Layer)
Carbon
(Third Layer)
Silver Paint
(Fourth Layer)
Polymer
(Second Layer)
Wire Lead (−)
Solder
Solder
Wire Lead (+)
Anode Tube
HermeticSeal System
(Glass Seal and Ring)
Brass Can
Tantalum
Molded Plastic Case
(Epoxy Potting Not Shown)
Mounting Eyelet
(Brass)
Module Frame
(Cu)
T550/T551 Capacitors
(Qty = 10, Parallel)
Molded Plastic Case
(Bottom Panel)
Terminals
(See Ordering Information
for Finish Options)
Module 2
Molded Plastic Case
(Epoxy Potting Not Shown)
Mounting Eyelet
(Brass)
Module Frame
(Cu)
T550/T551 Capacitors
(Qty = 5, Parallel)
Molded Plastic Case
(Bottom Panel)
Terminals
(See Ordering Information
for Finish Options)


Similar Part No. - M550B108M006BS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
More results

Similar Description - M550B108M006BS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com