Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV800T-150 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29LV800T-150
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800T-150 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29LV800T-150 Datasheet HTML 3Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 4Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 5Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 6Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 7Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 8Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 9Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 10Page - Advanced Micro Devices AM29LV800T-150 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Am29LV800T/Am29LV800B
7
PRELIMINARY
PIN CONFIGURATION
A0–A18
= 19 addresses
DQ0–DQ14 = 15 data inputs/outputs
DQ15/A-1
= DQ15 data input/output (word mode),
A-1 (LSB address input, byte mode)
BYTE
= Selects 8-bit or 16-bit mode
CE
= Chip enable
OE
= Output enable
WE
= Write enable
RESET
= Hardware reset pin, active low
RY/BY
= Ready/Busy output
VCC
= Standard voltage range
(3.0 to 3.6 V) for -90R
Extended voltage range
(2.7 to 3.6 V) for -100, -120, -150
VSS
= Device ground
NC
= Pin not connected internally
LOGIC SYMBOL
20478D-7
19
16 or 8
DQ0–DQ15
(A-1)
A0–A18
CE
OE
WE
RESET
BYTE
RY/BY


Similar Part No. - AM29LV800T-150

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800B AMD-AM29LV800B Datasheet
272Kb / 12P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory- Die Revision 2
AM29LV800B AMD-AM29LV800B Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800B-1 AMD-AM29LV800B-1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BB-120DG5C AMD-AM29LV800BB-120DG5C Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29LV800T-150

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com