Electronic Components Datasheet Search |
|
AC1206DK-071R Datasheet(PDF) 8 Page - YAGEO Corporation |
|
AC1206DK-071R Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 12 page Chip Resistor Surface Mount www.yageo.com Nov. 02, 2016 V.5 Product specification 8 12 SERIES AC 0201 to 2512 FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E Range: –55 °C to +155 °C P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: AC0201=1/20W (0.05W) AC0402=1/16W (0.0625W); 1/8W (0.125W) AC0603=1/10W (0.1W); 1/5W (0.2W) AC0805=1/8W (0.125W); 1/4 W(0.25 W) AC1206=1/4W (0.25W); 1/2 W (0.5 W) AC1210=1/2W (0.5W); 1W AC1218=1W; 1.5W AC2010=3/4W (0.75W); 1.25W AC2512=1 W; 2W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = ) PxR ( Or Maximum working voltage whichever is less Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω) Fig. 10 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) FOOTPRINT AND SOLDERING PROFILES Recommended footprint and soldering profiles of AC-series is the same as RC-series. Please refer to data sheet “Chip resistors mounting”. RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE PT040 2 100 M Ω TO 910 MΩ 100 mΩ to 910 mΩ ± 200 ppm/°C PT060 3 ± 200 ppm/°C PT080 5 ± 200 ppm/°C PT120 6 100 mΩ > 100 mΩ PT201 0 ± 100 ppm/°C ± 75 ppm/°C PT251 2 ± 100 ppm/°C ± 75 ppm/°C PACKING STYLE REEL DIMENSION AC0201 AC0402 AC0603 AC0805 AC1206 AC1210 AC1218 AC2010 AC2512 Paper taping reel (R) 7" (178 mm) 10,000 10,000 5,000 5,000 5,000 5,000 --- --- --- 13" (330 mm) 50,000 50,000 20,000 20,000 20,000 20,000 --- --- --- Embossed taping reel (K) 7" (178 mm) --- --- --- --- --- --- 4,000 4,000 4,000 NOTE 1. For paper/embossed tape and reel specifications/dimensions, please refer to data sheet “Chip resistors packing”. PACKING STYLE AND PACKAGING QUANTITY Table 3 Packing style and packaging quantity |
Similar Part No. - AC1206DK-071R |
|
Similar Description - AC1206DK-071R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |