Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1748KE Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1748KE
Description  24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1748KE Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button PCM1748KE Datasheet HTML 3Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 4Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 5Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 6Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 7Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 8Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 9Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 10Page - Burr-Brown (TI) PCM1748KE Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PCM1748
7
SBAS165
TYPICAL CHARACTERISTICS (Cont.)
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, and 24-bit input data, unless otherwise noted.
Supply-Voltage Characteristics (Cont.)
110
108
106
104
102
100
98
96
SNR vs V
CC (VDD = 3.3V)
4
4.5
5
5.5
6
V
CC (V)
96kHz, 384f
S
110
108
106
104
102
100
98
96
CHANNEL SEPARATION vs V
CC (VDD = 3.3V)
4
4.5
5
5.5
6
V
CC (V)
44.1kHz, 384f
S
96kHz, 384f
S
Temperature Characteristics
10
1
0.1
0.01
0.001
0.0001
THD+N vs T
A
–50
–25
0
25
50
75
100
Temperature (
°C)
–60dB/96kHz, 384f
S
–60dB/44.1kHz, 384f
S
0dB/96kHz, 384f
S
0dB/44.1kHz, 384f
S
110
108
106
104
102
100
98
96
DYNAMIC RANGE vs T
A
–50
–25
0
25
50
75
100
Temperature (
°C)
44.1kHz, 384f
S
96kHz, 384f
S
110
108
106
104
102
100
98
96
SNR vs T
A
–50
–25
0
25
50
75
100
Temperature (
°C)
44.1kHz, 384f
S
96kHz, 384f
S
110
108
106
104
102
100
98
96
CHANNEL SEPARATION vs T
A
–50
–25
0
25
50
75
100
Temperature (
°C)
44.1kHz, 384f
S
96kHz, 384f
S


Similar Part No. - PCM1748KE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1748KE TI1-PCM1748KE Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748KE/2K TI1-PCM1748KE/2K Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748KE/2KG4 TI1-PCM1748KE/2KG4 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748KEG4 TI1-PCM1748KEG4 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
More results

Similar Description - PCM1748KE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1741 BURR-BROWN-PCM1741 Datasheet
325Kb / 20P
   3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com