Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1757002161 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1757002161
Description  UNO-3000 Series Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1757002161 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1757002161 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Automation Computers
17-24
Accessories
UNO-3000 Series Accessories
UNO-4000 Series Accessories
Power Adapter and Power Cord Solutions
UNO-PM70
Panel Mounting Kit for UNO-3000 Series
Supported Models
ƒ UNO-3072L, UNO-3072, UNO-3074
Ordering Information
ƒ UNO-PM70-AE
UNO-PM80
Panel Mounting Kit for UNO-3082/3084
Supported Models
ƒ UNO-3072LA, UNO-3072A, UNO-3074A,
UNO-3082, UNO-3084
Ordering Information
ƒ UNO-PM80-AE
Expansion Kit USB x 2 for UNO-3000 Series
Supported Models
ƒ UNO-3072LA, UNO-3072A, UNO-3074A,
UNO-3082, UNO-3084
Ordering Information
ƒ 9663308401E
UNO-SM70
Stand Mounting Kit for UNO-3000 Series
Supported Models
ƒ UNO-3072L, UNO-3072, UNO-3074
Ordering Information
ƒ UNO-SM70-AE
UNO-SM80
Stand Mounting Kit for UNO-3082/3084
Supported Models
ƒ UNO-3072LA, UNO-3072A, UNO-3074A,
UNO-3082, UNO-3084
Ordering Information
ƒ UNO-SM80-AE
Expansion Kit LPT x 1 for UNO-3000 Series
Supported Models
ƒ UNO-3072LA, UNO-3072A, UNO-3074A,
UNO-3082, UNO-3084
Ordering Information
ƒ 9663308402E
UNO-WM72/WM74
Wall Mounting Kit for UNO-3072/L and UNO-3074
Supported Models
ƒ UNO-3072/3072L (UNO-WM 72)
ƒ UNO-3074 (UNO-WM74)
Ordering Information
ƒ UNO-WM72-AE
ƒ UNO-WM74-AE
UNO-WM80
Wall Mounting Kit for UNO-3082/3084/3072LA
Supported Models
ƒ UNO-3072LA, UNO-3072A, UNO-3074A,
UNO-3082, UNO-3084
Ordering Information
ƒ UNO-WM80-AE
Expansion Kit RS232 COM port x 2 and
PS2 x 1 for UNO-3000 Series
Supported Models
ƒ UNO-3072LA, UNO-3072A, UNO-3074A,
UNO-3082, UNO-3084
Ordering Information
ƒ 9663308403E
UNOP-166
UNO-4672 Expansion Solution
Features
ƒ 6-port RS-232/422/485 (DB-9)
ƒ 2-port IRIG-B
ƒ 2,500 VDC EFT protection
ƒ 2,500 VDC isolation protection
ƒ Baud-rate (bps) : 50 ~ 921.6 k
ƒ IRIG-B Time Code Input Interface: RS-422/485 (DB9),
TTL (BNC-type)
Supported Models
ƒ UNO-4672
Ordering Information
ƒ UNO-P166-AE
Features
ƒ Input voltage: 90 ~ 264 VAC,
47 ~ 63 Hz
ƒ Output Voltage: 24 VDC
ƒ Operating Temperature:
-20 ~ 70° C
Features
ƒ Input voltage:
100 ~ 240 VAC, 50 ~ 60 Hz
ƒ Output Voltage: 19 VDC
ƒ Operating Temperature:
0 ~ 40° C
Industrial Grade Power Adapter
Commercial Grade Power Adapter
UNOP-168
UNO-4672 Expansion Solution
Features
ƒ 8-port RS-232/422/485
ƒ 2,500 VDC EFT protection
ƒ 2,500 VDC isolation protection
ƒ Baud-rate (bps) : 50 ~ 921.6 k
Supported Models
ƒ UNO-4672
Ordering Information
ƒ UNO-P168-AE
(Note: Need to order power cord separately)
Ordering Information
ƒ 1757002321
63W AC to DC UNO series
power adapter
ƒ 1702002600
Power cable US Plug 1.8 M
ƒ 1702031801
Power cable UK Plug 1.8 M
ƒ 1702002605
Power cable EU Plug 1.8 M
ƒ 1702031836
Power cable China/Australia
Plug 1.8 M
Ordering Information
ƒ 1700001524
Power cable 3-pin US type 1.8M
ƒ 170203180A
Power cable 3-pin UK type 1.8 M
ƒ 170203183C
Power cable 3-pin EU type 1.8 M
ƒ 1757002682
65W AC to DC power adapter
ƒ 1757002161
150W AC to DC power adapter
ƒ PWR-244-AE
96W AC to DC power adapter


Similar Part No. - 1757002161

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1757002161 ADVANTECH-1757002161 Datasheet
1Mb / 2P
   UNO-1000 Series Accessories
More results

Similar Description - 1757002161

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1000 ADVANTECH-UNO-1000 Datasheet
1Mb / 2P
   UNO-1000 Series Accessories
logo
PHOENIX CONTACT
1205804 PHOENIX-1205804 Datasheet
40Kb / 2P
   Accessories - CF 3000 SBO
3202656 PHOENIX-3202656 Datasheet
40Kb / 2P
   Accessories - CF 3000 GUMMIFUESSE
3202630 PHOENIX-3202630 Datasheet
39Kb / 2P
   Accessories - CF 3000 SCHRAUBEN
1212391 PHOENIX-1212391 Datasheet
43Kb / 2P
   Accessories - CF 3000 CFT 0,25
1212392 PHOENIX-1212392 Datasheet
43Kb / 2P
   Accessories - CF 3000 CFB 0,25
3202805 PHOENIX-3202805 Datasheet
40Kb / 2P
   Accessories - CF 3000 KOFFER BESTUECKT
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
   Arduino Uno
logo
PHOENIX CONTACT
3202782 PHOENIX-3202782 Datasheet
40Kb / 2P
   Accessories for tools/automatic devices - CF 3000 CRIMPSTEMPEL
logo
Rohm
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
   Arduino Uno 1pcs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com