Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1773RGA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1773RGA
Description  LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1773RGA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM1773RGA Datasheet HTML 1Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 2Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 3Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 4Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 5Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 6Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 7Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 8Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PCM1772
PCM1773
SLES010D – SEPTEMBER 2001 – REVISED MAY 2004
LOW VOLTAGE AND LOW POWER STEREO AUDIO
DIGITALTOANALOG CONVERTER WITH LINEOUT AMPLIFIER
FEATURES
D Multilevel DAC Including Lineout Amplifier
D Analog Performance (VCC1, VCC2 = 2.4 V):
− Dynamic Range: 98 dB Typ
− THD+N at 0 dB: 0.007% Typ
D 1.6-V to 3.6-V Single Power Supply
D Low Power Dissipation: 6 mW at VCC1,
VCC2 = 2.4 V
D System Clock: 128 fS, 192 fS, 256 fS, 384 fS
D Sampling Frequency: 5 kHz to 50 kHz
D Software Control (PCM1772):
− 16-, 20-, 24-Bit Word Available
− Left-, Right-Justified, and I2S
− Slave/Master Selectable
− Digital Attenuation: 0 dB to –62 dB,
1 dB/Step
− 44.1-kHz Digital De-Emphasis
− Zero Cross Attenuation
− Digital Soft Mute
− Monaural Analog-In With Mixing
− Monaural Speaker Mode
D Hardware Control (PCM1773):
− Left-Justified and I2S
− 44.1-kHz Digital De-Emphasis
− Monaural Analog-In With Mixing
D Pop-Noise-Free Circuit
D 3.3-V Tolerant
D Packages: TSSOP-16 and VQFN-20, Lead Free
APPLICATIONS
D Portable Audio Player
D Cellular Phone
D PDA
D Other Applications Requiring Low-Voltage
Operation
DESCRIPTION
The PCM1772 and PCM1773 devices are CMOS,
monolithic, integrated circuits which include stereo
digital-to-analog converters, lineout circuitry, and
support circuitry in small TSSOP-16 and VQFN-20
packages.
The data converters use TI’s enhanced multilevel
∆-Σ
architecture, which employs noise shaping and
multilevel amplitude quantization to achieve excellent
dynamic performance and improved tolerance to clock
jitter. The PCM1772 and PCM1773 devices accept
several industry standard audio data formats with 16- to
24-bit data, left-justified, I2S, etc., providing easy
interfacing to audio DSP and decoder devices.
Sampling rates up to 50 kHz are supported. A full set of
user-programmable functions are accessible through a
3-wire serial control port, which supports register write
functions.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - PCM1773RGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1773RGA TI1-PCM1773RGA Datasheet
976Kb / 37P
[Old version datasheet]   LINEOUT AMPLIFIER
More results

Similar Description - PCM1773RGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
   Low Power, Stereo Digital to Analog Converter
CS53L21 CIRRUS-CS53L21 Datasheet
1Mb / 66P
   Low Power, Stereo Analog to Digital Converter
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com