Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLY60000 Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # RLY60000
Description  MODEL PSC - PROCESS SETPOINT CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RLY60000 Datasheet(HTML) 6 Page - Red Lion Controls. Inc

  RLY60000 Datasheet HTML 1Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 2Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 3Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 4Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 5Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 6Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 7Page - Red Lion Controls. Inc RLY60000 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
APPLICATION
A chemical treatment process requires the PH level of a solution be ramped
at staged levels over specific time periods during start-up. The PSC unit is
installed to meet this requirement.
After the tank is filled, the PSC’s user input is triggered to run profile 1 to
start the process. Alarm output 2 signals the operator if the PH level deviates
outside the running profile. The error band (profile conformance) is
programmed to the desired value to prevent the PH level from deviating from
the programmed setpoint profile. Timed event output 1 signals that the
profile process is complete.
11
10
9
8
7
6
5
4
3
2
pH
PROFILE
STARTED
PROFILE
PHASE
EVENT
OUTPUT 1
P1r1
P1 1
P1H1
P1 2
P1r2
P1 3P1 4
P1 5
P1H2
P1r3
P1H3
LAST
PROFILE
PHASE
PROFILE
COMPLETE
TIME
P1 7
ON
115 VAC
(MAIN POWER)
4-20mA ANALOG OUTPUT OPTION
(RETRANSMIT % OUTPUT POWER)
MAIN CONTROL OUTPUT
DC INPUTS
ALARM 1 OPTION
(RELAY MODULE INSTALLED)
ALARM 2 OPTION
(RELAY MODULE INSTALLED)
115 VAC
PH DEVIATION
ALARM
HORN
CHEMICAL
TO BE
ADDED
I/P CONVERTER
TO END OF
PROCESS
INDICATOR
PH SENSOR
OUT
IN
1
AL2/OP2--A
2
AL2/OP2--B
3
AL2/OP2--C
4
OP1--A
5
OP1--B
6
OP1--C
7
USER INPUT
8
0--10V
9
4--20mA
10
COMM.
11
OUT+
12
OUT--
13
N/C
14
AL1--A
15
AL1--B
16
AL1--C


Similar Part No. - RLY60000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
RLY60000 REDLION-RLY60000 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
More results

Similar Description - RLY60000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Analog Devices
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
logo
Red Lion Controls. Inc
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Analog Devices
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com