Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4820000 Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # T4820000
Description  MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

T4820000 Datasheet(HTML) 6 Page - Red Lion Controls. Inc

  T4820000 Datasheet HTML 1Page - Red Lion Controls. Inc T4820000 Datasheet HTML 2Page - Red Lion Controls. Inc T4820000 Datasheet HTML 3Page - Red Lion Controls. Inc T4820000 Datasheet HTML 4Page - Red Lion Controls. Inc T4820000 Datasheet HTML 5Page - Red Lion Controls. Inc T4820000 Datasheet HTML 6Page - Red Lion Controls. Inc T4820000 Datasheet HTML 7Page - Red Lion Controls. Inc T4820000 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MULTIPLE UNIT STACKING
The T48 is designed for close spacing of multiple units. Units can be
stacked either horizontally or vertically. For vertical stacking, install the panel
latch with the screws to the sides of the unit. For horizontal stacking, the panel
latch screws should be at the top and bottom of the unit. The minimum spacing
from center line to center line of units is 1.96" (49.8 mm). This spacing is the
same for vertical or horizontal stacking.
Note: When stacking units, provide adequate panel ventilation to ensure that
the maximum operating temperature range is not exceeded.
1.96 (49.8)
MIN
STANDARD
PANEL
CUT-OUT
IF NEMA 4 IS NOT REQUIRED,
THIS PANEL MATERIAL MAY BE REMOVED.
PANEL CUT-OUT SPACING FOR MULTIPLE UNIT STACKING.
HORIZONTAL ARRANGEMENT SHOWN.
ACCESSORY - CURRENT TRANSFORMER-40 A
The external Current Transformer is used when specifying the T48s
equipped with the Heater Current Monitor.
Current Transformers:
Part Number: CT004001
Current Ratio: 40 : 0.1 (Amperes)
Max Heater Current: 50 A
Dielectric Strength: 1000 VAC (For 1 minute)
Vibration Resistance: 50 Hz (Approx 10 G)
Terminals: Solder Type
Window Diameter: 0.228" (5.8 mm)
Weight: 0.406 oz (11.5 g)
6
1.57 (40)
1.18 (30)
0.39 (10)
2X Ø0.14
0.59
0.029 (0.5)
0.83
0.41 (10.5)
0.12 (3)
0.98 (25)
0.29 (7.5)
0.11 (2.8)
Ø0.23 (5.8)
(15)
(21)
(3.5)
CT004001
RATIO 40:0.1A
RED LION
CONTROLS
ACCESSORY - CURRENT TRANSFORMER-50 A
The external Current Transformer is used when specifying the T48s
equipped with the Heater Current Monitor.
Part Number: CT005001
Current Ratio: 50 : 0.1 (Amperes)
Operation Frequency: 50 to 400 Hz
Insulation Class: 0.6 KV BIL, 10 KV full wave.
Terminals: Brass studs No. 8-32 UNC with flat washer and hex nuts.
Window Diameter: 1.13" (28.7 mm)
Weight: 8 oz (226.0 g)
1
2
3
4
5
6
7
8
9
10
13
14
12
11
2.39 (60.7)
MAX.
1.96 (49.8)
MAX.
PANEL LATCH INSTALLED FOR
VERTICAL UNIT STACKING
HORIZONTAL UNIT STACKING
PANEL LATCH INSTALLED FOR
MAX.
2.39 (60.7)
MAX.
1.96 (49.8)
1
2
3
4
5
6
7
8
9
10
13
14
12
11
PANEL LATCH INSTALLED FOR
HORIZONTAL UNIT STACKING
ACCESSORY - EXTERNAL SSR POWER UNIT
The external SSR Power Unit is used with T48s equipped with Logic/SSR
Drive outputs to switch loads up to 240 VAC @ 45 Amps, 25°C ambient. The
unit is operated by applying a low level DC control signal to the isolated
input. The unit features zero cross detection circuits which reduces radiated
RFI when switching load currents. With no contacts to wear out, the SSR
Power Unit provides virtually limitless operational life. The unit is supplied
with an integral heat sink for immediate installation.
External SSR Power Unit:
Part Number: RLY50000
Switched Voltage Range: 50 to 280 VAC
Load Current: 45 Amps max. @ 25°C ambient temperature
35 Amps max. @ 50°C ambient temperature
On State Input: 3 to 32 VDC @ 1500 Ω impedance. (isolated)
(Use Logic/SSR drive output.)
Off State Input: 0.0 to 1.0 VDC
Size: 5.5" (14 cm) L x 4.75" (12 cm) W x 2.62" (6.6 cm) H
2.62
(66.5)
4.75 (121)
4.56 (116)
CENTERS FOR #8 SCREWS
4.50
5.50
(114)
(140)
0.20 (TYP.)
(5.1)
(5.5)
0.22 (TYP.)
(28.7)
1.13
(61.0)
2.40
H1
(31.8)
2.68
1.25
(67.8)
(27.9)
1.75
(44.5)
1.10
1.60
(40.6)
2X #8-32UNC TERMINAL
X1
.44
(11.2)
(7.9)
(6.9)
4X .27
4X .31
(24.4)
.96
(50.8)
2.00


Similar Part No. - T4820000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T4820010 REDLION-T4820010 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
More results

Similar Description - T4820000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
FOTEK CONTROLS CO., LTD...
H5-AN-PT-R4-S FOTEK-H5-AN-PT-R4-S Datasheet
1Mb / 3P
   DIN 48X48 Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com