Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4821114 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # T4821114
Description  MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

T4821114 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

  T4821114 Datasheet HTML 1Page - Red Lion Controls. Inc T4821114 Datasheet HTML 2Page - Red Lion Controls. Inc T4821114 Datasheet HTML 3Page - Red Lion Controls. Inc T4821114 Datasheet HTML 4Page - Red Lion Controls. Inc T4821114 Datasheet HTML 5Page - Red Lion Controls. Inc T4821114 Datasheet HTML 6Page - Red Lion Controls. Inc T4821114 Datasheet HTML 7Page - Red Lion Controls. Inc T4821114 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MULTIPLE UNIT/REMOTE SETPOINT APPLICATION
Eight T48 controllers are used in a drying oven. Each T48 controls a zone
within the oven. Depending upon the material to be dried, and its initial
moisture content, the drying setpoint temperature varies. A master T48
controller transmits setpoint via linear DC output. This signal is received as
a remote setpoint signal by the other slave controllers.
Whenever the master controller’s setpoint is changed, the slave controller’s
setpoint changes automatically.
The remote setpoint input at each slave controller can be scaled
independently.
7
OEM PAINT SPRAYER APPLICATION
An OEM manufacturing spray painting equipment utilizes
the T48 to maintain optimum paint temperature. In addition to
the low cost, the 1/16 DIN package size permits the OEM to
design temperature control into various sized painting
equipment, from small hand sprayers to large paint booths. The
heating element used to heat the paint, is connected to the Main
Control Output (OP1) programmed for On/Off control. Alarm 1
is programmed as Band Inside Acting, so that as long as the
paint temperature is within manufacturer’s specifications for
temperature, the “GO” light is on. Alarm 2 is programmed as
Band Outside acting so that the “NO GO” light is lit when the
paint temperature is more than 12° outside the manufacturer’s
specifications of 140 to 150°F.
11
12
14
13
10
9
8
7
6
5
4
3
2
1
USER INPUT
COMM.
TC +
RTD
AL2/O2
COMM.
AL1
O1 N.O. (+)
COMM. (-)
AC POWER
85-250 VAC
AC
POWER
POWER
AC
NO GO
GO
13
14
12
11
10
9
8
7
6
5
4
3
2
1
OUT (-)
OUT (+)
02/A2 (+)
COMM (-)
01/A1 (+)
USER INPUT
COMM
TC (+)
RTD
IN (+)IN (-)
SLAVE CONTROLLER #1
TC (+)
COMM (-)
49
01/A1 (+)
5
MASTER CONTROLLER
11
12
10
RTD
IN (+)
02/A2 (+)
OUT (+)
OUT (-)
3
2
1
USER INPUT
13
14
IN (-)
8
7
COMM
6
TO
HEATER
ZONE #2
ZONE #1
HEATER
TO
2ND INPUT
ANALOG
OUTPUT
AC POWER
85 - 250 VAC
AC POWER
85 - 250 VAC
REMOTE SETPOINT
SIGNAL TO OTHER
HEATER ZONES
PLASTICS EXTRUDER APPLICATION
Several T48 controllers are employed to control the
temperature of a plastics extruder. Each T48 controls a
heating element and a cooling water solenoid to maintain
each extruder zone at the desired temperature. The Heater
Current Monitor option is used to provide a readout of the
heater current. The multi-function User Input can be
programmed to allow selection of manual operation when
connected to common. This allows the user to hold the
control output of the controller during abnormal process
conditions.
11
12
14
13
10
9
8
7
6
5
4
3
2
1
AC POWER
85-250 VAC
USER INPUT
COMM.
TC +
A2/O2 N.O.
COMM.
A1 N.O.
O1 N.O. (+)
COMM. (-)
SSR
POWER
UNIT
240V HEATER
SUPPLY
COOLING
SUPPLY
EXTRUDER
COOLING
WATER
RTD
OUTPUT
HOLD
2ND INPUT OPTION
IN (+)
IN (-)
120V
CT
HEATER ALARM
APPLICATION
(Terminal assignments are model number dependent.)
(Terminal assignments are model number dependent.)
(Terminal assignments are model number dependent.)


Similar Part No. - T4821114

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T4820010 REDLION-T4820010 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
ITT Industries
T4825 ITT-T4825 Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results

Similar Description - T4821114

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
FOTEK CONTROLS CO., LTD...
H5-AN-PT-R4-S FOTEK-H5-AN-PT-R4-S Datasheet
1Mb / 3P
   DIN 48X48 Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com