Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCU10000 Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # TCU10000
Description  MODEL TCU - TEMPERATURE CONTROL UNIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TCU10000 Datasheet(HTML) 8 Page - Red Lion Controls. Inc

Back Button TCU10000 Datasheet HTML 2Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 3Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 4Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 5Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 6Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 7Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 8Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 9Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 10Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
OUTPUT MODULES
TYPICAL CONNECTIONS
Relay:
Type: Form-C (Form-A with some models. See ordering information.)
Rating: 5 amps @ 120/240 VAC or 28 VDC (resistive load), 1/8 HP @ 120
VAC (inductive).
Life Expectancy: 100,000 cycles at maximum load rating.
(Decreasing load and/or increasing cycle time, increases life expectancy).
Logic/SSR Drive: Can drive multiple SSR Power Units.
Type: Non-isolated switched DC, 12 VDC typical
Drive: 45 mA maximum.
Triac:
Type: Isolated, Zero Crossing Detection
Rating:
Voltage: 120/240 VAC
Max. Load Current: 1 ampere @ 35°C
0.75 ampere @ 50°C
Min. Load Current: 10 mA
Off State Leakage Current: 7 mA max. @ 60 Hz
Operating Frequency: 20 to 400 Hz
Protection: Internal Transient Snubber, Fused
LOAD
A
B
C
POWER
5 AMPS
AT
240
VAC
RELAY
MODULE
DO NOT CONNECT
SSR
POWER
UNIT
LOAD
4
3
1
2
A
B
C
POWER
+12VDC
UNREG.
+
-
NOT
ISOLATED
LOGIC/SSR DRIVE
MODULE
POWER
120VAC
AT
1 AMP
120/240VAC
ISOLATED
A
B
C
RELAY OR
DEVICE
TRIAC
LOAD
DO NOT CONNECT
TRIAC MODULE
APPLICATION
Several TCU controllers are
employed to control the temperature of
a plastics extruder. Each TCU controls
a heating element and a cooling water
solenoid to maintain each extruder
zone at a desired temperature. The
heater current monitor of the TCU is
used for early detection of heater
element failure. The linear DC output
is used to retransmit the process
temperature to a control computer for
data logging purposes.
OP1-A
OP1-B
OP1-C
USER INPUT
TC +
COMM
OUT +
OUT -
N/C
N/C
CT
CT
DATA
EXTRUDER
SUPPLY
CURRENT
TRANSFORMER
SSR
POWER
UNIT
AC POWER
120 VAC
COOLING OUTPUT
HEATER CURRENT FAIL OUTPUT
MAIN CONTROL OUTPUT
THERMOCOUPLE INPUT
4 -20 mA LINEAR DC OUTPUT
SECOND INPUT
(CURRENT TRANSFORMER)
240V HEATER
WATER
COOLING
ALARM/COOLING
SUPPLY
HB
ALARM
TEMPERATURE RETRANSMISSION
LOGGER
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
COOLING/ALARM COMMON
AL1-A
OP2-A
AL1/OP2 COMM
8


Similar Part No. - TCU10000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
More results

Similar Description - TCU10000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00002 REDLION-TCU00002 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00001 REDLION-TCU00001 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
logo
DISCO Corporation
DTU162 DISCO-DTU162 Datasheet
207Kb / 1P
   Water Temperature Control Unit
DTU152 DISCO-DTU152 Datasheet
122Kb / 2P
   Water Temperature Control Unit
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com