Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1100G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR1100G
Description  Axial Lead Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1100G Datasheet(HTML) 1 Page - ON Semiconductor

  MBR1100G Datasheet HTML 1Page - ON Semiconductor MBR1100G Datasheet HTML 2Page - ON Semiconductor MBR1100G Datasheet HTML 3Page - ON Semiconductor MBR1100G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 7
1
Publication Order Number:
MBR1100/D
MBR1100
Axial Lead Rectifier
These rectifiers employ the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
epitaxial construction with oxide passivation and metal overlap
contact. Ideally suited for use as rectifiers in low−voltage,
high−frequency inverters, free wheeling diodes, and polarity
protection diodes.
Features
Low Reverse Current
Low Stored Charge, Majority Carrier Conduction
Low Power Loss/High Efficiency
Highly Stable Oxide Passivated Junction
Guard−Ring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
High Surge Capacity
These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode Indicated by Polarity Band
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(VR(equiv) ≤ 0.2 VR (dc), RqJA = 50°C/W,
P.C. Board Mounting, [see Note 3], TA = 120°C)
IO
1.0
A
Peak Repetitive Forward Current
(VR(equiv) ≤ 0.2 VR (dc), RqJA = 50°C/W,
P.C. Board Mounting, [see Note 3], TA = 110°C)
IFRM
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Operating and Storage Junction Temperature
Range (Note 1)
TJ, Tstg
−65 to
+175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10
V/ns
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
Device
Package
Shipping
ORDERING INFORMATION
SCHOTTKY
BARRIER RECTIFIER
1.0 AMPERE, 100 VOLTS
MBR1100G
Axial Lead
(Pb−Free)
1000 Units/Bag
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBR1100RLG
Axial Lead
(Pb−Free)
5000/Tape & Reel
DO−41
AXIAL LEAD
CASE 59
STYLE 1
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
A
MBR1100
YYWW
G
G


Similar Part No. - MBR1100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1100G ONSEMI-MBR1100G Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
logo
Unisonic Technologies
MBR1100G-Z41-B UTC-MBR1100G-Z41-B Datasheet
119Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR1100G-Z41-R UTC-MBR1100G-Z41-R Datasheet
119Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR1100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
   Axial Lead Rectifier
May, 2006 ??Rev. 3
MBR1100 ONSEMI-MBR1100_06 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR3100 ONSEMI-MBR3100_06 Datasheet
58Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
NTE Electronics
NTE579 NTE-NTE579 Datasheet
15Kb / 1P
   Silicon Axial Lead Rectifier
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com