Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB41H100CTT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRB41H100CTT4G
Description  Switch-mode Power Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB41H100CTT4G Datasheet(HTML) 2 Page - ON Semiconductor

  MBRB41H100CTT4G Datasheet HTML 1Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 2Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 3Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 4Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 5Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 6Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 7Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 8Page - ON Semiconductor MBRB41H100CTT4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MBR41H100CT, NRVBB41H100CT Series
www.onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR) TC = 150°C
IF(AV)
20
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 145°C
IFRM
40
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
350
A
Operating Junction Temperature (Note 1)
TJ
+175
°C
Storage Temperature
Tstg
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Controlled Avalanche Energy (see test conditions in Figures 10 and 11)
WAVAL
400
mJ
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.0
70
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 20 A, TC = 25°C)
(IF = 20 A, TC = 125°C)
(IF = 40 A, TC = 25°C)
(IF = 40 A, TC = 125°C)
vF
0.80
0.67
0.90
0.76
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 125°C)
(Rated DC Voltage, TC = 25°C)
iR
10
0.01
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBRB41H100CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB41H100CTT4G ONSEMI-MBRB41H100CTT4G Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBRB41H100CTT4G ONSEMI-MBRB41H100CTT4G Datasheet
148Kb / 8P
   SWITCHMODE Power Rectifier
June, 2008 ??Rev. 6
More results

Similar Description - MBRB41H100CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com