Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVBB20H100CTT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVBB20H100CTT4G
Description  Switch-mode Power Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVBB20H100CTT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVBB20H100CTT4G Datasheet HTML 1Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 2Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 3Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 4Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 5Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 6Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 7Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 8Page - ON Semiconductor NRVBB20H100CTT4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MBR20H100CTG, MBRB20H100CTG, MBRF20H100CTG, NRVBB20H100CTT4G
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 10 A, TC = 25°C)
(IF = 10 A, TC = 125°C)
(IF = 20 A, TC = 25°C)
(IF = 20 A, TC = 125°C)
vF
0.77
0.64
0.88
0.73
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 125°C)
(Rated DC Voltage, TC = 25°C)
iR
6.0
0.0045
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device Order Number
Package
Shipping
MBR20H100CTG
TO−220
(Pb−Free)
50 Units / Rail
MBRF20H100CTG
TO−220FP
(Pb−Free)
50 Units / Rail
MBRB20H100CTT4G
D2PAK 3
(Pb−Free)
800 / Tape & Reel
NRVBB20H100CTT4G*
D2PAK 3
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*NRVBB Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable.


Similar Part No. - NRVBB20H100CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVBB20100CTT4G ONSEMI-NRVBB20100CTT4G Datasheet
100Kb / 5P
   SWITCHMODE Power Rectifier
August, 2012 ??Rev. 10
NRVBB2060CTT4G ONSEMI-NRVBB2060CTT4G Datasheet
97Kb / 5P
   Switch-mode Power Rectifiers
September, 2014 ??Rev. 10
More results

Similar Description - NRVBB20H100CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com