Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7076 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7076
Description  Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7076 Datasheet(HTML) 4 Page - New Japan Radio

  NJU7076 Datasheet HTML 1Page - New Japan Radio NJU7076 Datasheet HTML 2Page - New Japan Radio NJU7076 Datasheet HTML 3Page - New Japan Radio NJU7076 Datasheet HTML 4Page - New Japan Radio NJU7076 Datasheet HTML 5Page - New Japan Radio NJU7076 Datasheet HTML 6Page - New Japan Radio NJU7076 Datasheet HTML 7Page - New Japan Radio NJU7076 Datasheet HTML 8Page - New Japan Radio NJU7076 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NJU7076/NJU7077/NJU7078
Ver.05
[
4]
■ ELECTRICAL CHARACTERISTICS(V+=2.2V, V-=0V, VCOM=V
+/2, Ta=25˚C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
DC CHARACTERISTICS
Input Offset Voltage
VIO
NJU7076/NJU7077
-
60
250
µV
Ta= -40°C to 125°C
-
-
400
µV
NJU7078
-
60
300
µV
Ta= -40°C to 125°C
-
-
400
µV
Input Offset Voltage Drift
ΔVIO/ΔT Ta= -40°C to 125°C
(5)
-
0.6
5
µV/°C
Input Bias Current
IB
-
1
-
pA
Input Offset Current
IIO
-
1
-
pA
Open-Loop Voltage Gain
AV
Vo=0.6V to 1.6V, RL=10kΩ to 1.1V
100
130
-
dB
Vo=0.6V to 1.6V, RL=10kΩ to 1.1V,
Ta= -40°C to 125°C
100
-
-
dB
Common-Mode
Rejection Ratio
CMR
VICM=0V to 1.2V
70
90
-
dB
VICM=0V to 1.2V, Ta= -40°C to 125°C
70
-
-
dB
High-level Output Voltage
VOH
RL=10kΩ to 1.1V
2.15
2.18
-
V
RL=10kΩ to 1.1V, Ta= -40°C to 125°C
2.15
-
-
V
RL=600Ω to 1.1V
2.1
2.14
-
V
RL=600Ω to 1.1V, Ta= -40°C to 125°C
2.05
-
-
V
ISOURCE=2mA
2.05
2.13
-
V
ISOURCE=2mA, Ta= -40°C to 125°C
2
-
-
V
Low-level Output Voltage
VOL
RL=10kΩ to 1.1V
-
0.02
0.05
V
RL=10kΩ to 1.1V, Ta= -40°C to 125°C
-
-
0.05
V
RL=600Ω to 1.1V
-
0.06
0.1
V
RL=600Ω to 1.1V, Ta= -40°C to 125°C
-
-
0.15
V
ISINK=2mA
-
0.07
0.15
V
ISINK=2mA, Ta= -40°C to 125°C
-
-
0.2
V
Common-Mode
Input Voltage Range
VICM
CMR≥70dB
0
-
1.2
V
CMR≥70dB, Ta= -40°C to 125°C
0
-
1.2
V
Supply Current(All Amplifiers)
ISUPPLY
NJU7076
No Signal, RL=OPEN
-
0.55
0.82
mA
No Signal, RL=OPEN, Ta = -40°C to 125°C
-
-
0.82
mA
NJU7077
No Signal, RL=OPEN
-
1.0
1.5
mA
No Signal, RL=OPEN, Ta = -40°C to 125°C
-
-
1.5
mA
NJU7078
No Signal, RL=OPEN
-
2.0
3.0
mA
No Signal, RL=OPEN, Ta = -40°C to 125°C
-
-
3.0
mA
AC CHARACTERISTICS
Gain Bandwidth Product
GBW
GV=40dB, RF=100kΩ, RL=10kΩ to 1.1V,
CL=20pF, f=100kHz
-
1.2
-
MHz
Phase Margin
Φm
GV=40dB, RF=100kΩ, RL=10kΩ to 1.1V,
CL=20pF
-
60
-
deg
Gain Margin
Gm
GV=40dB, RF=100kΩ, RL=10kΩ to 1.1V,
CL=20pF
-
12
-
dB
Equivalent Input Noise
Voltage
en
f=1kHz
-
10
-
nV/√Hz
Slew Rate
SR
GV=0dB, RL=10kΩ to 1.1V, CL=20pF,
VIN=1VPP
-
0.5
-
V/µs
Total Harmonic Distortion
+ Noise
THD+N
GV=20dB, RL=10kΩ to 1.1V, f=1kHz,
VO=1VPP
-
0.01
-
%
Channel Separation
CS
f=1kHz, NJU7077/NJU7078
-
140
-
dB
(5) Guaranteed by two points of Temperature -40˚C and +125˚C


Similar Part No. - NJU7076

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
More results

Similar Description - NJU7076

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com