Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7076B Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7076B
Description  Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7076B Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU7076B Datasheet HTML 2Page - New Japan Radio NJU7076B Datasheet HTML 3Page - New Japan Radio NJU7076B Datasheet HTML 4Page - New Japan Radio NJU7076B Datasheet HTML 5Page - New Japan Radio NJU7076B Datasheet HTML 6Page - New Japan Radio NJU7076B Datasheet HTML 7Page - New Japan Radio NJU7076B Datasheet HTML 8Page - New Japan Radio NJU7076B Datasheet HTML 9Page - New Japan Radio NJU7076B Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NJU7076B
Ver.00
[
6]
■ TYPICAL CHARACTERISTICS
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
Supply Voltage V+ [V]
Input Offset Voltage vs. Supply Voltage
V-=0V, VCOM=V+/2
Ta=125ºC
Ta=-40ºC
Ta=25ºC
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=5V, V-=0V
Ta=125ºC
Ta=-40ºC
Ta=25ºC
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.6 -0.3
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=2.2V, V-=0V
Ta=125ºC
Ta=-40ºC
Ta=25ºC
0
250
500
750
1000
1250
1500
1750
2000
25
50
75
100
125
150
Ambient Temperature [ºC]
Input Bias Current vs. Temperature
V-=0V, VCOM=V+/2
V+=5V
V+=2.2V
80
90
100
110
120
130
140
150
160
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Open-Loop Voltage Gain vs. Temperature
V-=0V, RL=10kΩ
V+=2.2V
V+=5.0V
-20
-15
-10
-5
0
5
10
15
20
0
10
20
30
40
50
60
Time [sec]
Warm-Up Vio Drift
V+=3.3V, V-=0V, VCOM=V+/2, Ta=25ºC


Similar Part No. - NJU7076B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results

Similar Description - NJU7076B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com