Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7078 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJU7078
Description  Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7078 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJU7078 Datasheet HTML 4Page - New Japan Radio NJU7078 Datasheet HTML 5Page - New Japan Radio NJU7078 Datasheet HTML 6Page - New Japan Radio NJU7078 Datasheet HTML 7Page - New Japan Radio NJU7078 Datasheet HTML 8Page - New Japan Radio NJU7078 Datasheet HTML 9Page - New Japan Radio NJU7078 Datasheet HTML 10Page - New Japan Radio NJU7078 Datasheet HTML 11Page - New Japan Radio NJU7078 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NJU7076/NJU7077/NJU7078
Ver.05
[
11]
■ PACKAGE DIMENSIONS
SOT-23-5 Package
1.9±0.2
0.95±0.1
0.1-0.03
0.6MAX
0.4±0.1
1
2
3
4
5
+0.1
2.9±0.2
0.1
0°~15°
MSOP8(VSP8)* Package
*MEET JEDEC MO-187-DA
0.6MAX
0.127 -0.05
4
1
2.9 -0.1
+0.3
0.65
5
8
0.1
0.2±0.1
0.1
M
+0.1
-  
Unit: mm
Unit: mm


Similar Part No. - NJU7078

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results

Similar Description - NJU7078

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com