Electronic Components Datasheet Search |
|
409-5411 Datasheet(PDF) 4 Page - TE Connectivity Ltd |
|
409-5411 Datasheet(HTML) 4 Page - TE Connectivity Ltd |
4 / 10 page 114- 6041 Rev B 4 of 10 Figure 4 Distance 2 Section A--A BB A A Section B--B Strain--Relief Slots Barrier Pad Contact Slot Window Height 3 Wire Must Be Below Transition Of Lead--In To Contact Slot --- Y--- Terminal perpendicularity of 0.30 mm [.012 in.] to Datum --Y--. 1 Maximum distance after conductor termination is 3.30 mm [.130 in.]. 2 Maximum marking of surface 0.25 mm [.010 in.] from noted edge, typical. 3 0.30 [.012] Y Large Wire Contact Terminating Inspection -- Notes on Customer Manual 409--5411 apply -- Additional allowances are: D. Wire Exposure Insulated conductor must extend 0.89 mm [.035 in.] below contact slot. E. Insulation Range Insulation range for standard cable connectors should be 1.14 mm [.045 in.] maximum diameter for tools that mass terminate conductors on one side at a time. For tools that insert one conductor per side at a time, 1.09 mm [.043 in.] insulation diameter is the maximum. Insulation range for F slot contacts is 1.42 mm [.056 in.] maximum diameter. F. Workmanship Minor nicks and scrapes or saddling of the metal bridge are acceptable provided the two slots remain parallel to each other and perpendicular to the housing. Minor plastic shaving and rolling over of barrier pads are acceptable provided that contacts are not damaged. Shaving of barrier pads is acceptable up to 0.15 mm [.006 in.] maximum in direction of connector length. Nicks in the insulation above the connector should not exceed one half of insulation wall thickness. |
Similar Part No. - 409-5411 |
|
Similar Description - 409-5411 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |