Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2040343-2 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 2040343-2
Description  MICRO USB CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2040343-2 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  2040343-2 Datasheet HTML 1Page - TE Connectivity Ltd 2040343-2 Datasheet HTML 2Page - TE Connectivity Ltd 2040343-2 Datasheet HTML 3Page - TE Connectivity Ltd 2040343-2 Datasheet HTML 4Page - TE Connectivity Ltd 2040343-2 Datasheet HTML 5Page - TE Connectivity Ltd 2040343-2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Instruction Sheet
取扱説明書
408-78009
Rev A
6 of 6
5. Wrenching 対策
対策
対策
対策
本コネクタは、Wrenching に対し非常に弱い構造になって
いるため、Fig.6 に示すように REC コネクタの挿入口全周
や、コネクタの背面を覆う対策が必要です。
5. Countermeasures of Wrenching
This connector needs to be coped which covers all the c
ircumferences of a REC connector insertion opening as
shown and back side in Fig.6,
for a very weak structur
e to Wrenching.
Fig 6. 筐体による Wrenching 対策
Countermeasure of Wrenching with guide case
コネクタ
コネクタ
コネクタ
コネクタ挿入口全周
挿入口全周
挿入口全周
挿入口全周(Shell を
を押
押さえる
さえる
さえる
さえる)
Connector insertion opening
(Hold Shell)
コネクタ
コネクタ
コネクタ
コネクタ背面
背面
背面
背面(Shell と
と Housing を
を押
押さえる
さえる
さえる
さえる)
Connector back side
(Hold Shell and housing)


Similar Part No. - 2040343-2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2040 XFMRS-2040 Datasheet
41Kb / 1P
   BROADCOM XF5100T4
logo
Schurter Inc.
2040.0609 SCHURTER-2040.0609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
2040.0609 SCHURTER-2040.0609 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
2040.0610 SCHURTER-2040.0610 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
2040.0610 SCHURTER-2040.0610 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
More results

Similar Description - 2040343-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
80140043 ETC2-80140043 Datasheet
419Kb / 2P
   Micro-USB connector
logo
Pepperl+Fuchs Inc.
VAZ-SIMON-USB PF-VAZ-SIMON-USB Datasheet
117Kb / 1P
   USB Type A to Micro-USB connector
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Maxim Integrated Produc...
MAX22192 MAXIM-MAX22192 Datasheet
4Mb / 29P
   Micro-USB Cable
Rev 1; 3/19
logo
NXP Semiconductors
FRDM-K64F NXP-FRDM-K64F Datasheet
1Mb / 20P
   Dual role USB interface with micro-B USB connector
Rev. 1,08/2016
logo
Adam Technologies, Inc.
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
   MICRO USB TYPE B
MCR-B-S-V-SMT ADAM-TECH-MCR-B-S-V-SMT Datasheet
89Kb / 1P
   MICRO USB TYPE B
MCR-B-S-RA-TSMT-INV-TR ADAM-TECH-MCR-B-S-RA-TSMT-INV-TR Datasheet
94Kb / 1P
   MICRO USB TYPE B
MCR-B-S-RA-TSMT-P-TR ADAM-TECH-MCR-B-S-RA-TSMT-P-TR Datasheet
124Kb / 1P
   MICRO USB TYPE B
MCR-B-S-RA-TSMT-TR ADAM-TECH-MCR-B-S-RA-TSMT-TR Datasheet
95Kb / 1P
   MICRO USB TYPE B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com