Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0782321001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0782321001
Description  GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0782321001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0782321001_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0782321001_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
250V DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78232-001
Product Specification
PS-78231-006-001
Sales Drawing
SD-78232-011
This document was generated on 03/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0782321001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782321001 MOLEX11-0782321001 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
More results

Similar Description - 0782321001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782321001 MOLEX11-0782321001 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 80 Amps, Lead-Free
0782271001 MOLEX1-0782271001_17 Datasheet
38Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 40 Amps, Lead-Free
0782271001 MOLEX11-0782271001 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 2 Blades, 40 Amps, Lead-Free
0782371001 MOLEX11-0782371001 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Receptacle, Power Module, 3 Blades, 90 Amps, Lead-Free
0782302102 MOLEX1-0782302102_17 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Right Hold Down, 2-Power Module,2 Blades
0782352102 MOLEX1-0782352102_17 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Right Hold Down, 2-Power Module,2 Blades
0782351102 MOLEX1-0782351102_17 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, 2-Power Module, 2 Blades
0782351101 MOLEX1-0782351101_17 Datasheet
43Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, Power Module, 2 Blades
0782301101 MOLEX11-0782301101 Datasheet
42Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, 1 Power Module, 2 Blades
0782291011 MOLEX11-0782291011 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com