Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622018628 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018628
Description  GbX I-Trac Right Angle Header with Right Hold Down, Power Module, 2 Blades
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622018628 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018628 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018628 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
80.0A
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
250V DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-78231-007-001
Packaging Specification
PK-78234-001
Product Specification
PS-78231-006-001
Sales Drawing
SD-78234-003
Press-in Tool for
Right Angle Power
Receptacle and
Header for 11-Row
0622018628
This document was generated on 03/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018628

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018628 MOLEX11-0622018628 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Header with Left Hold Down, Power Module
0622018628 MOLEX1-0622018628 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Header with Left Hold Down, Power Module, 2 Blades
0622018628 MOLEX11-0622018628 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Header with Left Hold Down, Power Module
0622018628 MOLEX1-0622018628 Datasheet
41Kb / 2P
   GbX I-Trac Right Angle Header with Right Hold Down, Power Module, 2 Blades
0622018628 MOLEX11-0622018628 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header with Right Hold Down, Power Module
More results

Similar Description - 0622018628

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782292011 MOLEX1-0782292011_17 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782292033 MOLEX1-0782292033_17 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782292003 MOLEX1-0782292003_17 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782292001 MOLEX1-0782292001_17 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782292002 MOLEX1-0782292002_17 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782342001 MOLEX1-0782342001_17 Datasheet
41Kb / 2P
   GbX I-Trac Right Angle Header with Right Hold Down, Power Module, 2 Blades
0782291011 MOLEX11-0782291011 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
0782291002 MOLEX1-0782291002_17 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
0782291023 MOLEX11-0782291023 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
0782291001 MOLEX1-0782291001_17 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com