Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3C3305UE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3305UE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3305UE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3305UE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3305UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3305UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3305UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3305UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3305UE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8417E
09/07/04
PI3C3305/PI3C3306
2.5V/3.3V, High Bandwidth, Hot Insertion,
2-Bit, 2-Port Bus Switch with Individual Enables
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
260
500
µA
ΔICC
Supply Current per
Input HIGH
VCC = Max.
VIN = 3.0V(3)
750
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per driven input (control input only); A and B pins do not contribute to ∆ICC.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Test Conditions(1)
3305/3306
Units
Com
Min.
Max.
tPLH
tPHL
Propagation Delay(2, 3) A to B, B to A
CL = 50pF,
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL = 50pF,
RL = 500Ω,
R = 500Ω
1.5
9.8
tPHZ
tPLZ
Bus Disable Time
1.5
8.3
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Test Conditions(1)
3305/3306
Units
Com
Min.
Max.
tPLH
tPHL
Propagation Delay(2, 3) A to B, B to A
CL = 50pF,
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL = 50pF,
RL = 500Ω,
R = 500Ω
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
1.5
5.5


Similar Part No. - PI3C3305UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3305UEX PERICOM-PI3C3305UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
More results

Similar Description - PI3C3305UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126 PERICOM-PI3C3126_10 Datasheet
685Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125 PERICOM-PI3C3125_07 Datasheet
381Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com