Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622030035 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622030035
Description  Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622030035 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622030035 Datasheet HTML 1Page - Molex Electronics Ltd. 0622030035 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Rate
28.0 Gbps
Impedance
95Ω
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-172374-999
Sales Drawing
SD-172699-0002-000
This document was generated on 03/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622030035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622030035 MOLEX11-0622030035 Datasheet
44Kb / 1P
   Impact ZX2 Daughtercard Module Installation Press-In Tool
0622030035 MOLEX11-0622030035 Datasheet
61Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
0622030035 MOLEX11-0622030035 Datasheet
57Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
0622030035 MOLEX11-0622030035 Datasheet
54Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0622030035 MOLEX1-0622030035 Datasheet
61Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
More results

Similar Description - 0622030035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1726993020 MOLEX11-1726993020 Datasheet
57Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1726993038 MOLEX1-1726993038_17 Datasheet
58Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1726993038 MOLEX11-1726993038 Datasheet
56Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1727003038 MOLEX1-1727003038_17 Datasheet
58Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Left Guided
1727003038 MOLEX11-1727003038 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Left Guided
1726995026 MOLEX1-1726995026_17 Datasheet
63Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726995020 MOLEX11-1726995020 Datasheet
54Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726995026 MOLEX11-1726995026 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726995020 MOLEX1-1726995020_17 Datasheet
55Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726991020 MOLEX1-1726991020_17 Datasheet
61Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com