Electronic Components Datasheet Search |
|
AC1206DR-0710R Datasheet(PDF) 6 Page - YAGEO Corporation |
|
AC1206DR-0710R Datasheet(HTML) 6 Page - YAGEO Corporation |
6 / 12 page Chip Resistor Surface Mount www.yageo.com Nov. 02, 2016 V.5 Product specification 6 12 SERIES AC 0201 to 2512 TYPE POWER CHARACTERISTICS Operating Temperature Range Max. Working Voltage Max. Overload Voltage Dielectric Withstandin g Voltage Resistance Range Temperature Coefficient Jumper Criteria AC0805 1/8 W –55 °C to 155 °C 150V 300V 300V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 2A Maximum Current 5A 1/4 W –55 °C to 155 °C 150V 300V 300V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C AC1206 1/4 W –55 °C to 155 °C 200V 400V 500V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 2A Maximum Current 10A 1/2 W –55 °C to 155 °C 200V 400V 500V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C AC1210 1/2 W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 2A Maximum Current 10A 1 W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C |
Similar Part No. - AC1206DR-0710R |
|
Similar Description - AC1206DR-0710R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |