Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-QFE100SE-02 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SS-QFE100SE-02
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFE100SE-02 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SS-QFE100SE-02 Datasheet HTML 1Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 2Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 3Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 4Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7
4
6
8
10
2
15
1
11
14
19
17
12
5
13
3
9
16
18
21
20
Instructions:
Drop the QFE package in the socket and make sure the QFE leads
are sitting inside the guide slots of the top guide(item13)
Turn the fluted knob screw(item 4) until it contacts the QFE chip.
From that point screw needs four turns to get the desired
compression. Or Turn the fluted knob( item 4) screw until the top
guide( item 13) bottoms out on the bottom guide(item 14)
ITEM
NO.
Description
Material
1
CBT Socket Base 18mm
7075-T6 Aluminum Alloy
2
Clam shell lid for 17mm IC
7075-T6 Aluminum Alloy
3
Clamshell Latch
7075-T6 Aluminum Alloy
4
M10 Comression Screw with hole
7075-T6 Aluminum Alloy
5
#0-80 x .25 LG, Flat Head Machine
Screw
Stainless Steel (18-8)
6
Spring Clamshell lid assembly
Steel Music Wire
7
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
8
Hinge Pin and Snap Ring, 3mm OD,
25mm long, SS
Stainless Steel (ferritic)
9
Precision Compression Spring, Zinc-
Plated Music Wire, 1/2" Length, .12" OD,
.016" Wire
Zinc Plated Music Wire
10 QFE100 clashell socket compression
Plate; 18mm
Ultem
11 IC guide QFE100SE clm skt
PEEK Ceramic filled
12 SS-QFE100SE top spring pin guide
PEEK Ceramic filled
13 SS-QFE100SE btm spring pin guide
PEEK Ceramic filled
14 Pogo pin 0.5mm QFE
Beryllium Copper, UNS C17300
15 QFE100SE chip
16 QFE100SE PCB
Material <not specified>
17 Dowel pin, 1/32" x 5/16", SS
Chrome Stainless Steel
18 Floating Guide Spring
Alloy Steel (SS)
19 #0-80 x 0.5, SH Cap Screw
Material <not specified>
20 Washer, #0 x .025", Nylon
Nylon 6/6
21
316 SS General Purpose Flat Washer
NO. 0 Screw Size, 3/16" OD, .01"-.03"
Thick
AISI 316 Stainless Steel Sheet (SS)
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Spec
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 7/25/2012
Material:
Finish:
Weight: 66.95
SS-QFE100SE-02 Specification
SCALE: 5:1
SHEET: 4 OF 5
DRAWN BY: V. Panavala
FILE: SS-QFE100SE-02


Similar Part No. - SS-QFE100SE-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFE128SD-01 IRONWOOD-SS-QFE128SD-01 Datasheet
72Kb / 4P
   Compression plate distributes forces evenly
SS-QFE128SD-02 IRONWOOD-SS-QFE128SD-02 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
SS-QFE144SH-01 IRONWOOD-SS-QFE144SH-01 Datasheet
80Kb / 4P
   Compression plate distributes forces evenly
SS-QFE176SC-01 IRONWOOD-SS-QFE176SC-01 Datasheet
83Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SS-QFE100SE-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com