Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-QFN12D-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SS-QFN12D-01
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFN12D-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SS-QFN12D-01 Datasheet HTML 1Page - Ironwood Electronics. SS-QFN12D-01 Datasheet HTML 2Page - Ironwood Electronics. SS-QFN12D-01 Datasheet HTML 3Page - Ironwood Electronics. SS-QFN12D-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
32.29mm [1.27'']
+ IC thickness
Top View
Side View
(Section AA)
30.23mm
[1.190"]
25.48mm [1.003"]
A
A
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: H. Hansen
Scale: 1.25:1
Rev: D
Date: 12/2/05
Modified: 3/13/07
File: SS-QFN12D-01 Dwg
SS-QFN12D-01 Drawing
1
2
6
5
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 6.5 mm.
Compression Screw: Clear anodized Aluminum.
Height = 21 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ultem 1000.
Socket Base: Black anodized Aluminum.
Height = 4.5 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 14.5 mm.
Socket Base Screw: Socket Head Cap Screw,
alloy steel with black oxide finish, 0-80 Thread,
5/8" long.
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS,
0-80 thread, 3/16" long.
4
7
Latch: Black anodized Aluminum.
Customer's PCB
8
9
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
10
10
IC Guide: Ultem.
11
Insualtion Plate: FR4/G10
12
Backing Plate: Black anodized Aluminum.
12
11


Similar Part No. - SS-QFN12D-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SS-QFN12D-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com