Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2040 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2040
Description  Gas Gauge IC With SMBus Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2040 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2040 Datasheet HTML 1Page - Texas Instruments BQ2040 Datasheet HTML 2Page - Texas Instruments BQ2040 Datasheet HTML 3Page - Texas Instruments BQ2040 Datasheet HTML 4Page - Texas Instruments BQ2040 Datasheet HTML 5Page - Texas Instruments BQ2040 Datasheet HTML 6Page - Texas Instruments BQ2040 Datasheet HTML 7Page - Texas Instruments BQ2040 Datasheet HTML 8Page - Texas Instruments BQ2040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
bq2040
Parameter Name
Address
Description
Length
Units
EEPROM length
0x00
Number of EEPROM data locations
must = 0x64
8 bits
NA
EEPROM check1
0x01
EEPROM data integrity check byte, must = 0x5b
8 bits
NA
Remaining time alarm
0x02/0x03 Sets RemainingTimeAlarm (0x02)
16 bits
minutes
Remaining capacity alarm
0x04/0x05 Sets RemainingCapacityAlarm (0x01)
16 bits
mAh
Reserved
0x06/0x07 Reserved for future use
16 bits
NA
Initial charging current
0x08/0x09 Sets the initial charging current
16 bits
mA
Charging voltage
0x0a/0x0b Sets ChargingVoltage (0x15)
16 bits
mV
Battery status
0x0c/0x0d Initializes BatteryStatus (0x16)
16 bits
NA
Cycle count
0x0e/0x0f Initializes and stores CycleCount (0x17)
16 bits
cycles
Design capacity
0x10/0x11 Sets DesignCapacity (0x18)
16 bits
mAh
Design voltage
0x12/0x13 Sets DesignVoltage (0x19)
16 bits
mV
Specification information
0x14/0x15 Programs SpecificationInfo (0x1a)
16 bits
NA
Manufacture date
0x16/0x17 Programs ManufactureDate (0x1b)
16 bits
NA
Serial number
0x18/0x19 Programs SerialNumber (0x1c)
16 bits
NA
Fast-charging current
0x1a/0x1b Sets ChargingCurrent (0x14)
16 bits
mA
Maintenance-charge current
0x1c/0x1d Sets the trickle current request
16 bits
mA
Reserved
0x1e/0x1f Reserved must = 0x0000
16 bits
mAh
Manufacturer name
0x20-0x2b Programs ManufacturerName (0x20)
96 bits
NA
Current overload
0x2c/0x2d Sets the overload current threshold
16 bits
mA
Battery low %
0x2e
Sets the battery low amount
8 bits
%
Reserved
0x2f
Reserved for future use
8 bits
NA
Device name
0x30-0x37 Programs DeviceName (0x21)
64 bits
NA
Li-Ion taper current
0x38/0x39
Sets the upper limit of the taper current for charge
termination
16 bits
mA
Maximum overcharge limit
0x3a/0x3b Sets the maximum amount of overcharge
16 bits
NA
Reserved
0x3c
Reserved must = 0x00
8 bits
NA
Access protect
0x3d
Locks commands outside of the SBS data set
8 bits
NA
FLAGS1
0x3e
Initializes FLAGS1
8 bits
NA
FLAGS2
0x3f
Initializes FLAGS2
8 bits
NA
Device chemistry
0x40-0x45 Programs DeviceChemistry (0x22)
48 bits
NA
Current measurement gain
0x46/0x47 Sense resistor calibration value
16 bits
NA
Battery voltage offset
0x48
Voltage calibration value
8 bits
NA
Temperature offset
0x49
Temperature calibration value
8 bits
NA
Maximum temperature and
∆T step
0x4a
Sets the maximum charge temperature and the
∆T
step for
∆T/∆t termination
8 bits
NA
Table 1. Configuration Memory Map


Similar Part No. - BQ2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI1-BQ2040 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN TI-BQ2040SN Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN TI1-BQ2040SN Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-C408 TI1-BQ2040SN-C408 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results

Similar Description - BQ2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com